Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLVA2650A Datasheet (PDF) - Nexperia B.V. All rights reserved

PLVA2650A Datasheet PDF - Nexperia B.V. All rights reserved
Part # PLVA2650A
Download  PLVA2650A Download
File Size   389.83 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage avalanche regulator double diodes

PLVA2650A Datasheet (PDF)

Go To PDF Page Download Datasheet
PLVA2650A Datasheet PDF - Nexperia B.V. All rights reserved

Part # PLVA2650A
Download  PLVA2650A Click to download

File Size   389.83 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage avalanche regulator double diodes

PLVA2650A Datasheet (HTML) - Nexperia B.V. All rights reserved


PLVA2650A Product details

FEATURES
•Very low dynamic impedance at low currents: approximately 1⁄20 of conventional series
•Hard breakdown knee
•Low noise: approximately 1⁄10 of conventional series
•Total power dissipation: max. 250 mW
•Small tolerances of VZ
•Working voltage range: nom. 5.0 to 6.8 V
•Non-repetitive peak reverse power dissipation: max. 30 W.
APPLICATIONS
•Low current, low power, low noise applications
•CMOS RAM back-up circuits
•Voltage stabilizers
•Voltage limiters
•Smoke detector relays.
DESCRIPTION
The PLVA2600A series consists of two high performance voltage regulator diodes with common anodes, in small SOT23 plastic SMD packages.
The series consists of PLVA2650A to PLVA2668A.




Similar Part No. - PLVA2650A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLVA2650A PHILIPS-PLVA2650A Datasheet
56Kb / 8P
Low-voltage avalanche regulator double diodes
1999 May 10
logo
Nexperia B.V. All right...
PLVA2650A NEXPERIA-PLVA2650A Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
More results


Similar Description - PLVA2650A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
Low-voltage avalanche regulator double diodes
1999 May 10
PLVA400A PHILIPS-PLVA400A Datasheet
22Kb / 5P
Low-voltage avalanche regulator diodes
1996 Apr 26
PLVA600A PHILIPS-PLVA600A Datasheet
43Kb / 8P
Low-voltage avalanche regulator diodes
1999 May 25
PZM-NA PHILIPS-PZM-NA Datasheet
59Kb / 12P
Voltage regulator double diodes
1999 Jun 11
BZB984 PHILIPS-BZB984 Datasheet
57Kb / 12P
Voltage regulator double diodes
2002 Jun 21
BZB784 PHILIPS-BZB784 Datasheet
63Kb / 8P
Voltage regulator double diodes
2001 Feb 27
logo
Unisonic Technologies
AZ23C UTC-AZ23C Datasheet
125Kb / 3P
VOLTAGE REGULATOR DOUBLE DIODES
logo
Nexperia B.V. All right...
PLVA6XXA_SER NEXPERIA-PLVA6XXA_SER Datasheet
223Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
PLVA6XXA-Q_SER NEXPERIA-PLVA6XXA-Q_SER Datasheet
206Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 1 - 12 May 2022
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com