Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7SET02 Datasheet (PDF) - Nexperia B.V. All rights reserved

XC7SET02 Datasheet PDF - Nexperia B.V. All rights reserved
Part # XC7SET02
Download  XC7SET02 Download
File Size   198.21 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input NOR gate

XC7SET02 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC7SET02 Datasheet PDF - Nexperia B.V. All rights reserved

Part # XC7SET02
Download  XC7SET02 Click to download

File Size   198.21 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input NOR gate

XC7SET02 Datasheet (HTML) - Nexperia B.V. All rights reserved


XC7SET02 Product details

1. General description
XC7SET02 is a high-speed Si-gate CMOS device. It provides a 2-input NOR function.
2. Features and benefits
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• TTL input levels
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - XC7SET02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SET02 PHILIPS-XC7SET02 Datasheet
73Kb / 11P
High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-31 August 2009
XC7SET02GV PHILIPS-XC7SET02GV Datasheet
73Kb / 11P
High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-31 August 2009
XC7SET02GW PHILIPS-XC7SET02GW Datasheet
73Kb / 11P
High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-31 August 2009
More results


Similar Description - XC7SET02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com