Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7SET02 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # XC7SET02
Description  2-input NOR gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

XC7SET02 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  XC7SET02 Datasheet HTML 1Page - Nexperia B.V. All rights reserved XC7SET02 Datasheet HTML 2Page - Nexperia B.V. All rights reserved XC7SET02 Datasheet HTML 3Page - Nexperia B.V. All rights reserved XC7SET02 Datasheet HTML 4Page - Nexperia B.V. All rights reserved XC7SET02 Datasheet HTML 5Page - Nexperia B.V. All rights reserved XC7SET02 Datasheet HTML 6Page - Nexperia B.V. All rights reserved XC7SET02 Datasheet HTML 7Page - Nexperia B.V. All rights reserved XC7SET02 Datasheet HTML 8Page - Nexperia B.V. All rights reserved XC7SET02 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
XC7SET02
2-input NOR gate
10. Static characteristics
Table 7. Static characteristics
Voltages are referenced to GND (ground = 0 V).
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
VI = VIH or VIL;
VCC = 4.5 V
IO = -50 μA
4.4
4.5
-
4.4
-
4.4
-
V
VOH
HIGH-level
output voltage
IO = -8.0 mA
3.94
-
-
3.8
-
3.70
-
V
VI = VIH or VIL;
VCC = 4.5 V
IO = 50 μA
-
0
0.1
-
0.1
-
0.1
V
VOL
LOW-level
output voltage
IO = 8.0 mA
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
μA
ICC
supply current VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.0
-
10
-
40
μA
ΔICC
additional
supply current
per input pin; VI = 3.4 V;
other inputs at VCC or GND;
IO = 0 A; VCC = 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
1.5
10
-
10
-
10
pF
11. Dynamic characteristics
Table 8. Dynamic characteristics
GND = 0 V. For test circuit see Fig. 6 .
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
A and B to Y; see Fig. 5 [1]
VCC = 4.5 V to 5.5 V
[2]
CL = 15 pF
-
3.5
5.5
1.0
6.5
1.0
7.0
ns
tpd
propagation
delay
CL = 50 pF
-
4.9
7.5
1.0
8.5
1.0
9.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[3]
-
19
-
-
-
-
-
pF
[1] tpd is the same as tPLH and tPHL.
[2] Typical values are measured at VCC = 5.0 V.
[3] CPD is used to determine the dynamic power dissipation PD (μW).
PD = CPD × VCC 2 × fi + ∑(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V.
XC7SET02
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 28 January 2022
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com