Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAS01 Datasheet (PDF) - XP Power Limited

IAS01 Datasheet PDF - XP Power Limited
Part # IAS01_V01
Download  IAS01 Download
File Size   1958.26 Kbytes
Page   5 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC PO WER SUPPLIES

IAS01 Datasheet (PDF)

Go To PDF Page Download Datasheet
IAS01 Datasheet PDF - XP Power Limited

Part # IAS01_V01
Download  IAS01 Click to download

File Size   1958.26 Kbytes
Page   5 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC PO WER SUPPLIES

IAS01 Datasheet (HTML) - XP Power Limited


IAS01 Product details

The dual output IAS01 series is an ideal solution for isolating voltage rails in a distributed
power supply architecture such as analog, digital, data and relay circuits. This product family
offers a compact design with high efficiency, 1.5kV isolation with 3.0kV optional, short
circuit protection and high operating temperature.

Features
• Unregulated dual outputs
• ±10% input range
• Dual outputs ±3V3 to ±24VDC
• SMD10 DIP package
• Industry standard pinout
• 1.5kVDC isolation, 3kVDC option
• Continuous short circuit protection
• UL62368-1 safety approvals
• Tape & reel option
• Operating temperature -40°C to +105°C
• Full load to +100°C
• 3 year warranty




Similar Part No. - IAS01_V01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IAS0105D05 XPPOWER-IAS0105D05 Datasheet
482Kb / 3P
DC-DC Converter
IAS0105D09 XPPOWER-IAS0105D09 Datasheet
482Kb / 3P
DC-DC Converter
IAS0105D12 XPPOWER-IAS0105D12 Datasheet
482Kb / 3P
DC-DC Converter
IAS0105D15 XPPOWER-IAS0105D15 Datasheet
482Kb / 3P
DC-DC Converter
IAS0105D24 XPPOWER-IAS0105D24 Datasheet
482Kb / 3P
DC-DC Converter
More results


Similar Description - IAS01_V01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF24 XPPOWER-AMF24 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
09 March 2022
AMF36 XPPOWER-AMF36 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
15 March 2022
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com