Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83054AGILF Datasheet (PDF) - Renesas Technology Corp

83054AGILF Datasheet PDF - Renesas Technology Corp
Part # 83054AGILF
Download  83054AGILF Download
File Size   348.18 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:1, Single-Ended Multiplexer

83054AGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
83054AGILF Datasheet PDF - Renesas Technology Corp

Part # 83054AGILF
Download  83054AGILF Click to download

File Size   348.18 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:1, Single-Ended Multiplexer

83054AGILF Datasheet (HTML) - Renesas Technology Corp


83054AGILF Product details

GENERAL DESCRIPTION
The 83054 is a low skew, 4:1, Single-ended Multiplexer and a
member of the family of High Performance Clock Solutions from IDT.
The 83054 has four selectable single-ended clock inputs and one
single-ended clock output. The output has a V
DDO
pin which may be
set at 3.3V, 2.5V, or 1.8V, making the device ideal for use in voltage
translation applications. An output enable pin places the output in
a high impedance state which may be useful for testing or
debug purposes. The device operates up to 250MHz and is packaged
in a 16 TSSOP package.




Similar Part No. - 83054AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
4:1, SINGLE-ENDED MULTIPLEXER
83054AGILF IDT-83054AGILF Datasheet
154Kb / 14P
4:1, Single-Ended Multiplexer
83054AGILFT IDT-83054AGILFT Datasheet
154Kb / 14P
4:1, Single-Ended Multiplexer
More results


Similar Description - 83054AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83054I ICST-ICS83054I Datasheet
156Kb / 13P
4 : 1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 3, 2006
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
6:1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 18, 2006
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
8:1, SINGLE-ENDED MULTIPLEXER
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
4:1, SINGLE-ENDED MULTIPLEXER
83054 IDT-83054_15 Datasheet
154Kb / 14P
4:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
83058I RENESAS-83058I Datasheet
363Kb / 15P
8:1, Single-Ended Multiplexer
December 15, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com