Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8402015 Datasheet (PDF) - Renesas Technology Corp

8402015 Datasheet PDF - Renesas Technology Corp
Part # 8402015
Download  8402015 Download
File Size   476.72 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Crystal-to-LVDS/LVCMOS Frequency

8402015 Datasheet (PDF)

Go To PDF Page Download Datasheet
8402015 Datasheet PDF - Renesas Technology Corp

Part # 8402015
Download  8402015 Click to download

File Size   476.72 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Crystal-to-LVDS/LVCMOS Frequency

8402015 Datasheet (HTML) - Renesas Technology Corp


8402015 Product details

Features
• Three banks of outputs:
Bank A: three single-ended LVCMOS/LVTTL outputs at 25MHz
or 50MHz
Bank B: three single-ended LVCMOS/LVTTL outputs at 125MHz
Bank C: three differential LVDS outputs at 125MHz
Reference LVCMOS/LVTTL output at 25MHz
• Crystal input frequency: 25MHz
• Maximum output frequency: 125MHz
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(637kHz - 62.5MHz): 0.373ps (typical) LVDS output
• RMS phase jitter @ 25MHz, using a 25MHz crystal
(12kHz - 1MHz): 0.64ps (typical) LVCMOS output
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8402015

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8402015 IDT-8402015 Datasheet
285Kb / 19P
FemtoClock Crystal-to-LVDS/LVCMOS Frequency
8402015AKILF IDT-8402015AKILF Datasheet
865Kb / 19P
FemtoClock??Crystal-to-LVDS/LVCMOS Frequency
8402015AKILF IDT-8402015AKILF Datasheet
285Kb / 19P
FemtoClock Crystal-to-LVDS/LVCMOS Frequency
8402015AKILFT IDT-8402015AKILFT Datasheet
865Kb / 19P
FemtoClock??Crystal-to-LVDS/LVCMOS Frequency
8402015AKILFT IDT-8402015AKILFT Datasheet
285Kb / 19P
FemtoClock Crystal-to-LVDS/LVCMOS Frequency
More results


Similar Description - 8402015

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8402015I IDT-ICS8402015I Datasheet
865Kb / 19P
FemtoClock??Crystal-to-LVDS/LVCMOS Frequency
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
8402015 IDT-8402015 Datasheet
285Kb / 19P
FemtoClock Crystal-to-LVDS/LVCMOS Frequency
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
840004-11 RENESAS-840004-11 Datasheet
423Kb / 14P
FemtoClock™ Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
December 7, 2015
ICS844S0258-07 RENESAS-ICS844S0258-07 Datasheet
852Kb / 22P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com