Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH31-RFID Datasheet (PDF) - WJ Communication. Inc.

AH31-RFID Datasheet PDF - WJ Communication. Inc.
Part # AH31-RFID
Download  AH31-RFID Download
File Size   270.27 Kbytes
Page   8 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range IF Amplifier

AH31-RFID Datasheet (PDF)

Go To PDF Page Download Datasheet
AH31-RFID Datasheet PDF - WJ Communication. Inc.

Part # AH31-RFID
Download  AH31-RFID Click to download

File Size   270.27 Kbytes
Page   8 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range IF Amplifier

AH31-RFID Datasheet (HTML) - WJ Communication. Inc.


AH31-RFID Product details

Product Description

The AH31 is a high dynamic range amplifier in a low-cost surface-mount package. Its robustness and ease of use make it an ideal candidate for the core of any RFID reader application. It is compliant with EPC and ISO standards. The combination of low noise figure, high gain, and high output IP3 is ideal as an IF amplifier for receiver and transmitter applications. The device combines dependable performance with consistent quality to maintain MTTF values exceeding 100 years at mounting temp eratures of +85°C and is housed in a SOT-89 industry-standard SMT package.

The broadband MMIC amplifier can be directly applied to various current and next generation RFID technologies such as EPC, ISO, ETSI, and ANSI. Their small size makes them ideal for PCMCIA applications.



Product Features

· 50 – 1000 MHz

· ISO & EPC compliant

· 19 dB Gain

· +22 dBm P1dB

· +42 dBm OIP3

· 1.8 dB Noise Figure

· Single Voltage Supply (+5 V)

· MTTF > 100 years

· SOT-89 SMT Package



Applications

· RFID: HF, UHF, microwave

· Readers

   · Industrial

   · Portable

   · Handheld



 




Similar Part No. - AH31-RFID

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH31-G ETC-AH31-G Datasheet
323Kb / 9P
High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-G WJCI-AH31-G Datasheet
326Kb / 7P
High Dynamic Range IF Amplifier
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G Datasheet
664Kb / 7P
High Dynamic Range IF Amplifier
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
High Dynamic Range IF Amplifier
logo
List of Unclassifed Man...
AH31-PCB170 ETC-AH31-PCB170 Datasheet
323Kb / 9P
High Dynamic Range IF Amplifier
More results


Similar Description - AH31-RFID

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH31 ETC-AH31 Datasheet
323Kb / 9P
High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH31 WJCI-AH31 Datasheet
326Kb / 7P
High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
High Dynamic Range Monolithic IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
High Dynamic Range IF Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
High Dynamic Range IF Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com