Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC01DJM Datasheet (PDF) - Renesas Technology Corp

AC01DJM Datasheet PDF - Renesas Technology Corp
Part # AC01DJM
Download  AC01DJM Download
File Size   535.98 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 A POWER MINI MOLD TRIAC

AC01DJM Datasheet (PDF)

Go To PDF Page Download Datasheet
AC01DJM Datasheet PDF - Renesas Technology Corp

Part # AC01DJM
Download  AC01DJM Click to download

File Size   535.98 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 A POWER MINI MOLD TRIAC

AC01DJM Datasheet (HTML) - Renesas Technology Corp


AC01DJM Product details

FEATURES

® The ACO1DJM offers sensitive gate specs of 5 and 10 mA, in all for
quadrants.

® You can fill the gap between microprocessor controls and the
power-output requirements.

® This is housed in the popular SOT-89 package.

® The package features excellent environmental stress and tempera-
ture cycling.




Similar Part No. - AC01DJM

ManufacturerPart #DatasheetDescription
logo
NEC
AC01DJM NEC-AC01DJM Datasheet
410Kb / 6P
1 A POWER MINI MOLD TRIAC
More results


Similar Description - AC01DJM

ManufacturerPart #DatasheetDescription
logo
NEC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
AC05FGM NEC-AC05FGM Datasheet
710Kb / 6P
5 A MOLD TRIAC
AC05FJM NEC-AC05FJM Datasheet
346Kb / 6P
5 A MOLD TRIAC
AC03DJM NEC-AC03DJM Datasheet
303Kb / 6P
3 A MOLD TRIAC
AC0V8DGM NEC-AC0V8DGM Datasheet
1Mb / 6P
0.8 A MOLD TRIAC
AC01DJM NEC-AC01DJM Datasheet
410Kb / 6P
1 A POWER MINI MOLD TRIAC
logo
SHIKUES Electronics
RD4.7P SKTECHNOLGY-RD4.7P Datasheet
257Kb / 1P
1 W POWER MINI MOLD ZENER DIODE
logo
Renesas Technology Corp
AC03DGM RENESAS-AC03DGM Datasheet
373Kb / 8P
3 A MOLD TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DJM RENESAS-AC05DJM Datasheet
473Kb / 8P
5 A MOLD TRIAC
1988
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com