Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8725B-01 Datasheet (PDF) - Renesas Technology Corp

ICS8725B-01 Datasheet PDF - Renesas Technology Corp
Part # ICS8725B-01
Download  ICS8725B-01 Download
File Size   873.13 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ICS8725B-01

ICS8725B-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8725B-01 Datasheet PDF - Renesas Technology Corp

Part # ICS8725B-01
Download  ICS8725B-01 Click to download

File Size   873.13 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ICS8725B-01

ICS8725B-01 Datasheet (HTML) - Renesas Technology Corp


ICS8725B-01 Product details

Features
• Five differential HSTL output pairs
• Selectable differential CLKx/nCLKx input pairs
• CLKx/nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, HSTL, HCSL, SSTL
• Output frequency range: 31.25MHz to 700MHz
• Input frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Static phase offset: 15ps ± 135ps
• Cycle-to-cycle jitter: 25ps (maximum)
• Output skew: 45ps (maximum)
• 3.3V core, 1.8V output operating supply
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages




Similar Part No. - ICS8725B-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8725BM-21LF RENESAS-ICS8725BM-21LF Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
ICS8725BM-21LFT RENESAS-ICS8725BM-21LFT Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
More results


Similar Description - ICS8725B-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BNX002-01 ETC1-BNX002-01 Datasheet
101Kb / 1P
BNX002-01
M57962CL-01 ETC1-M57962CL-01 Datasheet
308Kb / 7P
M57962CL-01
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01 Datasheet
468Kb / 8P
S11155-2048-01 S11156-2048-01
logo
Rohm
SML013BDTT86 ROHM-SML013BDTT86 Datasheet
497Kb / 10P
SML-01 series
logo
KODENSHI_AUK CORP.
KAM1.65W-TET10-01 KODENSHI-KAM1.65W-TET10-01 Datasheet
262Kb / 2P
KAM1.65W-TET10-01
KAM20W-TET36-01 KODENSHI-KAM20W-TET36-01 Datasheet
160Kb / 2P
KAM20W-TET36-01
KAM20W-TET36-01 KODENSHI-KAM20W-TET36-01 Datasheet
156Kb / 2P
KAM20W-TET36-01
KAM40W-TET36-01 KODENSHI-KAM40W-TET36-01 Datasheet
168Kb / 2P
KAM40W-TET36-01
KAM80W-TET36-01 KODENSHI-KAM80W-TET36-01 Datasheet
162Kb / 2P
KAM80W-TET36-01
KAM100W-TET36-01 KODENSHI-KAM100W-TET36-01 Datasheet
164Kb / 2P
KAM100W-TET36-01
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com