Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8725B-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS8725B-01
Description  ICS8725B-01
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8725B-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS8725B-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ICS8725BY-01 REVISION A JULY 16, 2009
2
©2009 Integrated Device Technology, Inc.
ICS8725B-01 Data Sheet
DIFFERENTIAL-TO-HSTL ZERO DELAY CLOCK GENERATOR
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2,
12, 29
SEL0, SEL1,
SEL2, SEL3
Input
Pulldown
Determines output divider values in Table 3. LVCMOS / LVTTL interface levels.
3
CLK0
Input
Pulldown
Non-inverting differential clock input.
4
nCLK0
Input
Pullup
Inverting differential clock input.
5
CLK1
Input
Pulldown
Non-inverting differential clock input.
6
nCLK1
Input
Pullup
Inverting differential clock input.
7
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects CLK1, nCLK1. When LOW, selects CLK0,
nCLK0. LVCMOS/LVTTL interface levels.
8
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Qx to go low and the inverted outputs nQx to go high.
When logic LOW, the internal dividers and the outputs are enabled. LVCMOS /
LVTTL interface levels.
9, 32
VDD
Power
Core supply pins.
10
nFB_IN
Input
Pullup
Inverting differential feedback input to phase detector for regenerating clocks with
“Zero Delay.”
11
FB_IN
Input
Pulldown
Non-inverted differential feedback input to phase detector for regenerating clocks
with “Zero Delay.”
13, 28
GND
Power
Power supply ground.
14, 15
nQ0, Q0
Output
Differential output pair. HSTL interface levels.
16, 17, 24,
25
VDDO
Power
Output supply pins.
18, 19
nQ1, Q1
Output
Differential output pair. HSTL interface levels.
20, 21
nQ2, Q2
Output
Differential output pair. HSTL interface levels.
22, 23
nQ3, Q3
Output
Differential output pair. HSTL interface levels.
26, 27
nQ4, Q4
Output
Differential output pair. HSTL interface levels.
30
VDDA
Power
Analog supply pin.
31
PLL_SEL
Input
Pullup
PLL select. Selects between the PLL and reference clock as the input to the
dividers. When LOW, selects reference clock. When HIGH, selects PLL.
LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com