Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8725B-01 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS8725B-01
Description  ICS8725B-01
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8725B-01 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS8725B-01 Datasheet HTML 9Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 14Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 15Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 16Page - Renesas Technology Corp ICS8725B-01 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ICS8725BY-01 REVISION A JULY 16, 2009
13
©2009 Integrated Device Technology, Inc.
ICS8725B-01 Data Sheet
DIFFERENTIAL-TO-HSTL ZERO DELAY CLOCK GENERATOR
The following component footprints are used in this layout example:
All the resistors and capacitors are size 0603.
Power and Grounding
Place the decoupling capacitors C1, C6, C2, C4, C5, and C7 as close
as possible to the power pins. If space allows, placement of the
decoupling capacitor on the component side is preferred. This can
reduce unwanted inductance between the decoupling capacitor and
the power pin caused by the via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power and
ground planes and the component power and ground pins.
The RC filter consisting of R7, C11, and C16 should be placed as
close to the V
DDA pin as possible.
Clock Traces and Termination
Poor signal integrity can degrade the system performance or cause
system failure. In synchronous high-speed digital systems, the clock
signal is less tolerant to poor signal integrity than other signals. Any
ringing on the rising or falling edge or excessive ring back can cause
system failure. The shape of the trace and the trace delay might be
restricted by the available space on the board and the component
location. While routing the traces, the clock signal traces should be
routed first and should be locked prior to routing other signal traces.
• The differential 50
Ω output traces should have same length.
• Avoid sharp angles on the clock trace. Sharp angle turns
cause the characteristic impedance to change on the
transmission lines.
• Keep the clock traces on the same layer. Whenever possible,
avoid placing vias on the clock traces. Placement of vias on
the traces can affect the trace characteristic impedance and
hence degrade signal integrity.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is
unavoidable, allow a separation of at least three trace widths
between the differential clock trace and the other signal trace.
• Make sure no other signal traces are routed between the
clock trace pair.
The matching termination resistors should be located as close to the
receiver input pins as possible.
Figure 4B. PCB Board Layout for ICS8725B-01
C1
C2
C16
R7
GND
C5
VDD
U1
VDDA
C4
50 Ohm
Traces
C11
VIA
VDDO
Pin 1
C7
C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com