Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8745BI Datasheet (PDF) - Renesas Technology Corp

ICS8745BI Datasheet PDF - Renesas Technology Corp
Part # ICS8745BI
Download  ICS8745BI Download
File Size   880.85 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:5 Differential-to-LVDS Zero Delay Clock Generator

ICS8745BI Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8745BI Datasheet PDF - Renesas Technology Corp

Part # ICS8745BI
Download  ICS8745BI Click to download

File Size   880.85 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:5 Differential-to-LVDS Zero Delay Clock Generator

ICS8745BI Datasheet (HTML) - Renesas Technology Corp


ICS8745BI Product details

Features
• Five differential LVDS outputs designed to meet
or exceed the requirements of ANSI TIA/EIA-644
• Selectable differential clock inputs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency range: 31.25MHz to 700MHz
• Input frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Cycle-to-cycle jitter: 30ps (maximum)
• Output skew: 40ps (maximum)
• Static phase offset: 25ps ± 125ps
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages




Similar Part No. - ICS8745BI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
More results


Similar Description - ICS8745BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
REV. B DECEMBER 2, 2004
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com