Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

874S02I Datasheet (PDF) - Renesas Technology Corp

874S02I Datasheet PDF - Renesas Technology Corp
Part # 874S02I
Download  874S02I Download
File Size   533.36 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:1 Differential-to-LVDS Zero Delay Clock Generator

874S02I Datasheet (PDF)

Go To PDF Page Download Datasheet
874S02I Datasheet PDF - Renesas Technology Corp

Part # 874S02I
Download  874S02I Click to download

File Size   533.36 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:1 Differential-to-LVDS Zero Delay Clock Generator

874S02I Datasheet (HTML) - Renesas Technology Corp


874S02I Product details

Features
• One differential LVDS output pair and
one differential feedback output pair
• One differential clock input pair
• CLK/nCLK can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, SSTL
• Input frequency range: 62.5MHz to 1GHz
• Output frequency range: 62.5MHz to 1GHz
• VCO range: 500MHz – 1GHz
• External feedback for "zero delay" clock regeneration with
configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Cycle-to-cycle jitter: 35ps (maximum)
• Static phase offset: ±100ps
• Full 3.3V supply mode
• -40°C to +85°C ambient operating temperature
• Available in lead-free packages




Similar Part No. - 874S02I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
More results


Similar Description - 874S02I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
REV. B DECEMBER 2, 2004
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com