Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87004 Datasheet (PDF) - Integrated Circuit Systems

ICS87004 Datasheet PDF - Integrated Circuit Systems
Part # ICS87004
Download  ICS87004 Download
File Size   185.16 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR

ICS87004 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS87004 Datasheet PDF - Integrated Circuit Systems

Part # ICS87004
Download  ICS87004 Click to download

File Size   185.16 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR

ICS87004 Datasheet (HTML) - Integrated Circuit Systems


ICS87004 Product details

GENERAL DESCRIPTION
The ICS87004 is a highly versatile 1:4 Differentialto-LVCMOS/LVTTL Clock Generator and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS87004 has two selectable clock inputs. The CLK0, nCLK0 and CLK1, nCLK1 pairs can accept most standard differential input levels. Internal bias on the nCLK0 and nCLK1 inputs allows the CLK0 and CLK1 inputs to accept LVCMOS/LVTTL.

FEATURES
• 4 LVCMOS/LVTTL outputs, 7Ω typical output impedance
• Selectable CLK0, nCLK0 or CLK1, nCLK1 clock inputs
• CLKx, nCLKx pairs can accept the following differential input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Internal bias on nCLK0 and nCLK1 to support LVCMOS/LVTTL levels on CLK0 and CLK1 inputs
• Output frequency range: 15.625MHz to 250MHz
• Input frequency range: 15.625MHz to 250MHz
• VCO range: 250MHz to 500MHz
• External feedback for “zero delay” clock regeneration with configurable frequencies
• Programmable dividers allow for the following output-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Fully integrated PLL
• Cycle-to-cycle jitter: 45ps (maximum)
• Output skew: 45ps (maximum)
• Static phase offset: 50 ± 125ps (3.3V ± 5%)
• Full 3.3V or 2.5V operating supply
• 5V tolerant inputs
• Lead-Free package available
• Industrial temperature information available upon request




Similar Part No. - ICS87004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS87004 RENESAS-ICS87004 Datasheet
829Kb / 16P
1:4, Differential-to-LVCMOS/LVT
2019
logo
Integrated Device Techn...
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
logo
Renesas Technology Corp
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
More results


Similar Description - ICS87004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS8602 ICST-ICS8602 Datasheet
148Kb / 10P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
REV. F APRIL 16, 2003
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
REV. B APRIL 23, 2004
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
86004I RENESAS-86004I Datasheet
475Kb / 14P
15.625MHZ to 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
87021I RENESAS-87021I Datasheet
782Kb / 14P
÷1/÷2 Differential-to-LVCMOS/LVTTL Clock Generator
September 2, 2021
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com