Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87004BGI-03LF Datasheet (PDF) - Integrated Device Technology

ICS87004BGI-03LF Datasheet PDF - Integrated Device Technology
Part # ICS87004BGI-03LF
Download  ICS87004BGI-03LF Download
File Size   254.77 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LVCMOS/LVTTL FANOUT BUFFER/DIVIDER

ICS87004BGI-03LF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS87004BGI-03LF Datasheet PDF - Integrated Device Technology

Part # ICS87004BGI-03LF
Download  ICS87004BGI-03LF Click to download

File Size   254.77 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LVCMOS/LVTTL FANOUT BUFFER/DIVIDER

ICS87004BGI-03LF Datasheet (HTML) - Integrated Device Technology


ICS87004BGI-03LF Product details

GENERAL DESCRIPTION
The ICS87004I-03 is a low skew, ÷1, ÷2 ÷3, ÷4 ÷5, ÷6 ÷8, ÷16 LVCMOS/LVTTL Fanout Buffer/Divider and a member of theHiPerClockS™ family of High Performance Clock Solutions from IDT. The ICS87004I-03 has selectable clock inputs that accept single ended input levels. Output enable pin controls whether the output is in the active or high impedance state.

FEATURES
• Two banks of two LVCMOS/LVTTL outputs, 15Ω typical output impedance
• Selectable LVCMOS/LVTTL clock inputs
• LVCMOS_CLK supports the following input types: LVCMOS, LVTTL
• Maximum output frequency: 250MHz
• Output skew: 40ps (typical)
• Bank skew: 20ps (typical)
• Part-to-part skew: TBD
• Power supply modes:
    Core/Output
    3.3V/3.3V
    3.3V/2.5V
    3.3V/1.8V
    2.5V/2.5V
    2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6) packages




Similar Part No. - ICS87004BGI-03LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
logo
Renesas Technology Corp
ICS87004 RENESAS-ICS87004 Datasheet
829Kb / 16P
1:4, Differential-to-LVCMOS/LVT
2019
logo
Integrated Circuit Syst...
ICS87004AG ICST-ICS87004AG Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS87004AGT ICST-ICS87004AGT Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
logo
Integrated Device Techn...
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
More results


Similar Description - ICS87004BGI-03LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3M8304C ONSEMI-NB3M8304C Datasheet
84Kb / 6P
LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
logo
Integrated Device Techn...
83905I IDT-83905I Datasheet
498Kb / 21P
LVCMOS/ LVTTL Fanout Buffer
8302 IDT-8302 Datasheet
102Kb / 10P
LVCMOS / LVTTL Fanout Buffer
83026I-01 IDT-83026I-01 Datasheet
176Kb / 15P
Differential-to-LVCMOS/LVTTL Fanout Buffer
ICS8316 IDT-ICS8316 Datasheet
232Kb / 10P
LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
8545-01 IDT-8545-01 Datasheet
220Kb / 13P
LVCMOS/LVTTL-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS870S208 RENESAS-ICS870S208 Datasheet
633Kb / 21P
Differential-to-LVCMOS/LVTTL Fanout Buffer w/Divider and Glitchless Switch
APRIL 3, 2013
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com