Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS870S208 Datasheet (PDF) - Renesas Technology Corp

ICS870S208 Datasheet PDF - Renesas Technology Corp
Part # ICS870S208
Download  ICS870S208 Download
File Size   633.98 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVCMOS/LVTTL Fanout Buffer w/Divider and Glitchless Switch

ICS870S208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS870S208 Datasheet PDF - Renesas Technology Corp

Part # ICS870S208
Download  ICS870S208 Click to download

File Size   633.98 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVCMOS/LVTTL Fanout Buffer w/Divider and Glitchless Switch

ICS870S208 Datasheet (HTML) - Renesas Technology Corp


ICS870S208 Product details

General Description
The ICS870S208 is a low skew, eight output LVCMOS / LVTTL
Fanout Buffer with selectable divider. The ICS870S208 has two
selectable inputs that accept a variety of differential input types. The
device provides the capability to suppress any glitch at the outputs of
the device during an input clock switch to enhance clock redundancy
in fault tolerant applications. The low impedance LVCMOS outputs
are designed to drive 50series or parallel terminated transmission
lines. The effective fanout can be increased from 8 to 16 by utilizing
the ability of the outputs to drive two series terminated lines. The
divide select inputs, DIV_SELA and DIV_SELB, control the output
frequency of each bank. The output banks can be independently
selected for ÷1 or ÷2 operation. The output enable pins assigned to
each output, support enabling and disabling of each output
individually.
The ICS870S208 is characterized at full 3.3V and 2.5V, and mixed
3.3V/2.5V output operating supply modes. Guaranteed output and
part-to-part skew characteristics make the ICS870S208 ideal for
high performance, single ended applications.
Features
• Eight LVCMOS/LVTTL outputs, (2 banks of 4 outputs)
Each output has individual synchronous output enable
• Two selectable differential CLKx, nCLKx inputs
• Dual differential input pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL
• Maximum output frequency: 250MHz
• Selectable 1 or 2 operation
• Glitchless output behavior during input switch
• Output skew: 120ps (maximum), 3.3V
• Bank skew: 65ps (maximum), 3.3V
• Supply modes:
Core/Output
3.3V/3.3V
2.5V/2.5V
3.3V/2.5V
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS870S208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS870S208 IDT-ICS870S208 Datasheet
216Kb / 20P
Glitchless output behavior during input switch
More results


Similar Description - ICS870S208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
83905I IDT-83905I Datasheet
498Kb / 21P
LVCMOS/ LVTTL Fanout Buffer
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
8302 IDT-8302 Datasheet
102Kb / 10P
LVCMOS / LVTTL Fanout Buffer
83026I IDT-83026I Datasheet
311Kb / 12P
Differential-to-LVCMOS/LVTTL Fanout
83026I-01 IDT-83026I-01 Datasheet
176Kb / 15P
Differential-to-LVCMOS/LVTTL Fanout Buffer
ICS8316 IDT-ICS8316 Datasheet
232Kb / 10P
LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
8545-01 IDT-8545-01 Datasheet
220Kb / 13P
LVCMOS/LVTTL-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS854S1208I RENESAS-ICS854S1208I Datasheet
1Mb / 20P
Differential-to-LVDS Fanout Buffer w/Divider and Glitchless Switch
2019
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com