Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854S1208I Datasheet (PDF) - Renesas Technology Corp

ICS854S1208I Datasheet PDF - Renesas Technology Corp
Part # ICS854S1208I
Download  ICS854S1208I Download
File Size   1600.78 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS Fanout Buffer w/Divider and Glitchless Switch

ICS854S1208I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854S1208I Datasheet PDF - Renesas Technology Corp

Part # ICS854S1208I
Download  ICS854S1208I Click to download

File Size   1600.78 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS Fanout Buffer w/Divider and Glitchless Switch

ICS854S1208I Datasheet (HTML) - Renesas Technology Corp


ICS854S1208I Product details

Features
• Eight differential LVDS output pairs
Each output has individual synchronous output enable
• Two selectable differential CLKx, nCLKx input pairs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, HCSL
• Maximum output frequency: 1.5GHz
• Independent bank control for ÷1 or ÷2 operation
• Glitchless output behavior during input switch
• Output skew: 40ps (maximum)
• Bank skew: 35ps (maximum)
• Full 3.3V or 2.5V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS854S1208I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S1208I IDT-ICS854S1208I Datasheet
1Mb / 19P
Eight differential LVDS output pairs
More results


Similar Description - ICS854S1208I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
ICS870S208 RENESAS-ICS870S208 Datasheet
633Kb / 21P
Differential-to-LVCMOS/LVTTL Fanout Buffer w/Divider and Glitchless Switch
APRIL 3, 2013
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com