Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87004 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS87004
Description  1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87004 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS87004 Datasheet HTML 1Page - Integrated Circuit Systems ICS87004 Datasheet HTML 2Page - Integrated Circuit Systems ICS87004 Datasheet HTML 3Page - Integrated Circuit Systems ICS87004 Datasheet HTML 4Page - Integrated Circuit Systems ICS87004 Datasheet HTML 5Page - Integrated Circuit Systems ICS87004 Datasheet HTML 6Page - Integrated Circuit Systems ICS87004 Datasheet HTML 7Page - Integrated Circuit Systems ICS87004 Datasheet HTML 8Page - Integrated Circuit Systems ICS87004 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
87004AG
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2004
1
Integrated
Circuit
Systems, Inc.
ICS87004
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL
ZERO DELAY CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS87004 is a highly versatile 1:4 Differential-
to-LVCMOS/LVTTL Clock Generator and a mem-
ber of the HiPerClockS™ family of High Perfor-
mance Clock Solutions from ICS. The ICS87004
has two selectable clock inputs. The CLK0, nCLK0
and CLK1, nCLK1 pairs can accept most standard differential
input levels. Internal bias on the nCLK0 and nCLK1 inputs
allows the CLK0 and CLK1 inputs to accept LVCMOS/LVTTL.
The ICS87004 has a fully integrated PLL and can be configured
as zero delay buffer, multiplier or divider and has an input and
output frequency range of 15.625MHz to 250MHz. The refer-
ence divider, feedback divider and output divider are each
programmable, thereby allowing for the following output-to-
input frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8.The exter-
nal feedback allows the device to achieve “zero delay” between
the input clock and the output clocks. The PLL_SEL pin can be
used to bypass the PLL for system test and debug purposes. In
bypass mode, the reference clock is routed around the PLL
and into the internal output dividers.
FEATURES
• 4 LVCMOS/LVTTL outputs, 7
Ω typical output impedance
• Selectable CLK0, nCLK0 or CLK1, nCLK1 clock inputs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Internal bias on nCLK0 and nCLK1 to support
LVCMOS/LVTTL levels on CLK0 and CLK1 inputs
• Output frequency range: 15.625MHz to 250MHz
• Input frequency range: 15.625MHz to 250MHz
• VCO range: 250MHz to 500MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Fully integrated PLL
• Cycle-to-cycle jitter: 45ps (maximum)
• Output skew: 45ps (maximum)
• Static phase offset: 50 ± 125ps (3.3V ± 5%)
• Full 3.3V or 2.5V operating supply
• 5V tolerant inputs
• Lead-Free package available
• Industrial temperature information available upon request
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
G Package
Top View
PLL_SEL
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
FB_IN
SEL0
SEL1
SEL2
SEL3
MR
Q0
Q1
Q2
Q3
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
÷2, ÷4, ÷8, ÷16,
÷32
, ÷64, ÷128
0
1
0
1
GND
Q0
VDDo
SEL0
SEL1
SEL2
SEL3
CLK_SEL
VDD
CLK0
nCLK0
GND
1
2
3
4
5
6
7
8
9
10
11
12
Q1
VDDO
Q2
GND
Q3
VDDO
MR
FB_IN
PLL_SEL
CLK1
nCLK1
VDDA
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - ICS87004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS87004 RENESAS-ICS87004 Datasheet
829Kb / 16P
1:4, Differential-to-LVCMOS/LVT
2019
logo
Integrated Device Techn...
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
logo
Renesas Technology Corp
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
More results

Similar Description - ICS87004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS8602 ICST-ICS8602 Datasheet
148Kb / 10P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
REV. F APRIL 16, 2003
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
REV. B APRIL 23, 2004
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
86004I RENESAS-86004I Datasheet
475Kb / 14P
15.625MHZ to 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
87021I RENESAS-87021I Datasheet
782Kb / 14P
÷1/÷2 Differential-to-LVCMOS/LVTTL Clock Generator
September 2, 2021
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com