Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-32 Datasheet (PDF) - Renesas Technology Corp

ICS9148-32 Datasheet PDF - Renesas Technology Corp
Part # ICS9148-32
Download  ICS9148-32 Download
File Size   713.42 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pentium/ProTM System Clock Chip

ICS9148-32 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9148-32 Datasheet PDF - Renesas Technology Corp

Part # ICS9148-32
Download  ICS9148-32 Click to download

File Size   713.42 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Pentium/ProTM System Clock Chip

ICS9148-32 Datasheet (HTML) - Renesas Technology Corp


ICS9148-32 Product details

Features
• Generates system clocks for CPU, IOAPIC, PCI,
14.314 MHz REF , USB, and Super I/O
• Supports single or dual processor systems
• I2C interface
• Supports Spread Spectrum modulation for CPU & PCI
clocks, ±0.255% Center Spread or 0 to -0.6% Down
Spread.
• Skew from CPU (earlier) to PCI clock 1 to 4ns
• CPU cycle to cycle jitter ±200ps
• 2.5V or 3.3V output: CPU, IOAPIC
• 3.3V outputs: PCI, REF, 48MHz
• No power supply sequence requirements
• Uses external 14.318MHz crystal, no external load cap
required for CL=18pF crystal
• 48 pin 300 mil SSOP




Similar Part No. - ICS9148-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-32 ICST-ICS9148-32 Datasheet
322Kb / 14P
Pentium/ProTM System Clock Chip
Rev B 09/09/98
More results


Similar Description - ICS9148-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
Pentium/ProTM System Clock Chip
Rev C 1/26/99
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
Pentium/ProTM System Clock Chip
Rev F 4/1/99
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
Pentium/ProTM System Clock Chip
Rev B 07/08/98
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
Pentium/ProTM System Clock Chip
Rev C 03/28/98
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
Pentium/ProTM System Clock Chip
Rev E 4/20/99
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
Pentium/ProTM System Clock Chip
Rev D 08/04/98
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
Pentium/ProTM System Clock Chip
9/27/99
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
Pentium/ProTM System Clock Chip
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com