Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-02 Datasheet (PDF) - Integrated Circuit Systems

ICS9148-02 Datasheet PDF - Integrated Circuit Systems
Part # ICS9148-02
Download  ICS9148-02 Download
File Size   691.47 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Pentium/ProTM System Clock Chip

ICS9148-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9148-02 Datasheet PDF - Integrated Circuit Systems

Part # ICS9148-02
Download  ICS9148-02 Click to download

File Size   691.47 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Pentium/ProTM System Clock Chip

ICS9148-02 Datasheet (HTML) - Integrated Circuit Systems


ICS9148-02 Product details

General Description
The ICS9148-02 is a Clock Synthesizer chip for Pentium and PentiumPro CPU based Desktop/Notebook systems that will provide all necessary clock timing.
Features include four CPU, seven PCI and eight SDRAM clocks. Two reference outputs are available equal to the crystal frequency. Additionally, the device meets the Pentium power-up stabilization, which requires that CPU and PCI clocks be stable within 2ms after power-up.

Features
• Generates system clocks for CPU, IOAPIC, SDRAM,
   PCI, plus 14.314 MHz REF(0:1), USB, Plus Super I/O
• Supports single or dual processor systems
• I2C serial configuration interface provides output clock
   disabling and other functions
• MODE input pin selects optional power management input control pins
• Two fixed outputs separately selectable as 24 or 48MHz
• Separate 2.5V and 3.3V supply pins
• 2.5V or 3.3V outputs: CPU, IOAPIC
• 3.3V outputs: SDRAM, PCI, REF, 48/24 MHz
• CPU 3.3_2.5# logic pin to adjust output strength
• No power supply sequence requirements
• Uses external 14.318MHz crystal
• 48 pin 300 mil SSOP
• Output enable register
   for serial port control:
      1 = enable
      0 = disable




Similar Part No. - ICS9148-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-03 ICST-ICS9148-03 Datasheet
560Kb / 12P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 091997
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
Rev A 092297
logo
Integrated Device Techn...
ICS9148-08 IDT-ICS9148-08 Datasheet
632Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9148-08-PPP ICST-ICS9148-08-PPP Datasheet
474Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
Rev A 092297
More results


Similar Description - ICS9148-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
Pentium/ProTM System Clock Chip
Rev F 4/1/99
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
Pentium/ProTM System Clock Chip
Rev B 07/08/98
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
Pentium/ProTM System Clock Chip
Rev C 03/28/98
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
Pentium/ProTM System Clock Chip
Rev E 4/20/99
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
Pentium/ProTM System Clock Chip
Rev D 08/04/98
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
Pentium/ProTM System Clock Chip
9/27/99
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
Pentium/ProTM System Clock Chip
2019
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
Pentium/ProTM System Clock Chip
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com