Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-37 Datasheet (PDF) - Renesas Technology Corp

ICS9148-37 Datasheet PDF - Renesas Technology Corp
Part # ICS9148-37
Download  ICS9148-37 Download
File Size   564.9 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator & Integrated Buffers for PENTIUM/ProTM

ICS9148-37 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9148-37 Datasheet PDF - Renesas Technology Corp

Part # ICS9148-37
Download  ICS9148-37 Click to download

File Size   564.9 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator & Integrated Buffers for PENTIUM/ProTM

ICS9148-37 Datasheet (HTML) - Renesas Technology Corp


ICS9148-37 Product details

Features
• Generates the following system clocks:
- 4 CPU(2.5V/3.3V) upto 100MHz.
- 6 PCI(3.3V) @ 33.3MHz
- 2AGP(3.3V) @ 2 x PCI
- 12 SDRAMs(3.3V) @ either CPU or AGP
- 2 REF (3.3V) @ 14.318MHz
• Skew characteristics:
- CPU – CPU<250ps
- SDRAM – SDRAM < 250ps
- CPU – SDRAM < 250ps
- CPU–AGP: < 1ns
- CPU(early) – PCI : 1-4ns
• Supports Spread Spectrum modulation +0.25, ±0.6%
• Serial I2C interface for Power Management,
Frequency Select, Spread Spectrum.
• Efficient Power management scheme through PCI and
CPU STOP CLOCKS.
• Uses external 14.318MHz crystal
• 48 pin 300mil SSOP.




Similar Part No. - ICS9148-37

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
More results


Similar Description - ICS9148-37

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com