Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-37 Datasheet (PDF) - Integrated Circuit Systems

ICS9148-37 Datasheet PDF - Integrated Circuit Systems
Part # ICS9148-37
Download  ICS9148-37 Download
File Size   425.62 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUM/Pro

ICS9148-37 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9148-37 Datasheet PDF - Integrated Circuit Systems

Part # ICS9148-37
Download  ICS9148-37 Click to download

File Size   425.62 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUM/Pro

ICS9148-37 Datasheet (HTML) - Integrated Circuit Systems


ICS9148-37 Product details

General Description
The ICS9148-37 is the single chip clock solution for Desktop/Notebook designs using the VIA MVP3 style chipset. It provides all necessary clock signals for such a system.

Features
• Generates the following system clocks:
    - 4 CPU(2.5V/3.3V) upto 100MHz.
    - 6 PCI(3.3V) @ 33.3MHz
    - 2AGP(3.3V) @ 2 x PCI
    - 12 SDRAMs(3.3V) @ either CPU or AGP
    - 2 REF (3.3V) @ 14.318MHz
• Skew characteristics:
    - CPU -– CPU ≤ 250ps
    - SDRAM -– SDRAM ≤ 250ps
    - CPU -– SDRAM ≤ 250ps
    - CPU - AGP: ≤ 1ns
    - CPU(early) - PCI : 1-4ns
• Supports Spread Spectrum modulation ±0.25, ±0.6%
• Serial I2C interface for Power Management, Frequency Select, Spread Spectrum.
• Efficient Power management scheme through PCI and CPU STOP CLOCKS.
• Uses external 14.318MHz crystal
• 48 pin 300mil SSOP.




Similar Part No. - ICS9148-37

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9148-37 RENESAS-ICS9148-37 Datasheet
564Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Similar Description - ICS9148-37

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-14 ICST-ICS9147-14 Datasheet
495Kb / 7P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev B 071897
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9150-08 ICST-ICS9150-08 Datasheet
430Kb / 13P
Frequency Generator & Integrated Buffers for Pentium/Pro?
Rev E 09/28/98
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
Rev A 092297
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com