Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147-14 Datasheet (PDF) - Integrated Circuit Systems

ICS9147-14 Datasheet PDF - Integrated Circuit Systems
Part # ICS9147-14
Download  ICS9147-14 Download
File Size   495.49 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUM/ProTM

ICS9147-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9147-14 Datasheet PDF - Integrated Circuit Systems

Part # ICS9147-14
Download  ICS9147-14 Click to download

File Size   495.49 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for PENTIUM/ProTM

ICS9147-14 Datasheet (HTML) - Integrated Circuit Systems


ICS9147-14 Product details

General Description
The ICS9147-14 generates all clocks required for high speed RISC or CISC microprocessor systems such as Intel PentiumPro. Two bidirectional I/O pins (FS1,FS2) are latched at power-on to the functionality table, with FS0 selectable in real-time to toggle between conditions.

Features
• Four copies of CPU clock
• Twelve SDRAM (3.3V TTL), usable as AGP clocks
• Seven copies of PCICLK clock (synchronous with CPU clock/2 or CPU/2.5 for 75 and 83.3 MHz CPU)
• CPU clocks to PCICLK clocks skew 1-4ns, center 2.6ns.
• One IOAPIC clock @14.31818 MHz
• Two copies of Ref. clock @14.31818 MHz
• Ref. 14.31818 MHz Xtal oscillator input
• Separate VDDL1 for four CPU and single IOAPIC output buffers to allow 2.5V output (or Std. Vdd)
• One each 48/ 24 MHz (3.3 V TTL)
• 3.3V outputs: SDRAM, PCI, REF, 48/24MHz.
• 2.5V or 3.3V outputs: CPU, IOAPIC.
• 20 ohm CPU clock output impedance
• 20 ohm PCI clock output impedance
• 1.5ns rise time (30 pF loading)
• –250 ps CPU, PCI clock skew
• 350ps (cycle by cycle) CPU jitter
• 2ms Power up clock stable time
• 45-55% Clock duty cycle
• 48 pin 300 mil SSOP package
• 3.0V - 3.7V supply range w/2.5V compatible outputs




Similar Part No. - ICS9147-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-12 ICST-ICS9147-12 Datasheet
497Kb / 9P
Pentium/ProTM System and Cyrix??Clock Chip
Rev A 072597
logo
Integrated Device Techn...
ICS9147-12 IDT-ICS9147-12 Datasheet
502Kb / 9P
Pentium/ProTM System and Cyrix혲 Clock Chip
logo
Integrated Circuit Syst...
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
logo
Integrated Device Techn...
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
More results


Similar Description - ICS9147-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com