Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147-12 Datasheet (PDF) - Integrated Circuit Systems

ICS9147-12 Datasheet PDF - Integrated Circuit Systems
Part # ICS9147-12
Download  ICS9147-12 Download
File Size   497.17 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Pentium/ProTM System and Cyrix??Clock Chip

ICS9147-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9147-12 Datasheet PDF - Integrated Circuit Systems

Part # ICS9147-12
Download  ICS9147-12 Click to download

File Size   497.17 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Pentium/ProTM System and Cyrix??Clock Chip

ICS9147-12 Datasheet (HTML) - Integrated Circuit Systems


ICS9147-12 Product details

General Description
The ICS9147-12 is a Clock Synthesizer chip for Pentium and PentiumPro plus Cyrix CPU based Desktop/Notebook systems that will provide all necessary clock timing.

Features
• Generates system clocks for CPU, IOAPIC, SDRAM, PCI, plus 14.318 MHz REF(0:2), USB, Plus Super I/O
• Supports single or dual processor systems
• Supports Intel 60, 66.8MHz, Cyrix 55, 75MHz plus 83.3 and 68MHz (Turbo of 66.6) speeds.
• Synchronous clocks skew matched to 250ps window on CPU, SDRAM and 500ps window on PCI clocks
• CPU clocks to PCI clocks skew 1-4ns (CPU early)
• Two fixed outputs, 48MHz and 24 MHz
• Separate 2.5V and 3.3V supply pins
    - 2.5V or 3.3V output: CPU, IOAPIC
    - 3.3V outputs: SDRAM, PCI, REF, 48/24 MHz
• No power supply sequence requirements
• 48 pin 300 mil SSOP




Similar Part No. - ICS9147-12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9147-12 IDT-ICS9147-12 Datasheet
502Kb / 9P
Pentium/ProTM System and Cyrix혲 Clock Chip
More results


Similar Description - ICS9147-12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-22 ICST-ICS9147-22 Datasheet
253Kb / 7P
Pentium-ProTM System and Cyrix??Clock Chip
Rev A 072597
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
Pentium/ProTM System Clock Chip
Rev C 1/26/99
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
Pentium/ProTM System Clock Chip
Rev F 4/1/99
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
Pentium/ProTM System Clock Chip
Rev B 07/08/98
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
Pentium/ProTM System Clock Chip
Rev C 03/28/98
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
Pentium/ProTM System Clock Chip
Rev E 4/20/99
ICS9148-25 ICST-ICS9148-25 Datasheet
408Kb / 13P
Pentium/Pro System and Cyrix Clock Chip
Rev B 5/20/99
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
Pentium/ProTM System Clock Chip
9/27/99
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
Pentium/ProTM System Clock Chip
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com