Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169-01 Datasheet (PDF) - Renesas Technology Corp

ICS9169-01 Datasheet PDF - Renesas Technology Corp
Part # ICS9169-01
Download  ICS9169-01 Download
File Size   322.97 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM

ICS9169-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9169-01 Datasheet PDF - Renesas Technology Corp

Part # ICS9169-01
Download  ICS9169-01 Click to download

File Size   322.97 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM

ICS9169-01 Datasheet (HTML) - Renesas Technology Corp


ICS9169-01 Product details

Features
• Generates four processor, six bus, three 14.318 MHz
and one 48 MHz clock for ISA bus, audio, super I/O
and bus bridge devices
• Supports the Intel MARS chip set
• Synchronous clocks skew matched to 250ps window on
PCLKs and 500ps window on BCLKs
• Test clock mode eases system design
• Selectable multiplying ratios
• Custom configurations available
• Output frequency ranges to 100 MHz (depending on
option)
• 3.0V - 5.5 V supply range
• 28-pin SOIC and 28-pin SSOP (209-mil) packages




Similar Part No. - ICS9169-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
logo
Integrated Circuit Syst...
ICS9169AM-70 ICST-ICS9169AM-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
More results


Similar Description - ICS9169-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
PSICS9169-01 ICST-PSICS9169-01 Datasheet
177Kb / 10P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM mPs
RevE 08/28/98
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com