Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9169-01
Description  Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9169-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9169-01 Datasheet HTML 1Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 2Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 3Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 4Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 5Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 6Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 7Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 8Page - Renesas Technology Corp ICS9169-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9169-01
Pin Configuration
Pin Descriptions
Functionality
*VCO range is limited from 60 - 200 MHz
Note 1: BCLK buffers cannot be supplied with 5 volts (pins 14 and 20) if CPU and fixed frequencies (pins 1, 8, and 26) are being
supplied with 3.3 volts
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
2X1
IN
XTAL or external reference frequency input. This input includes XTAL load
capacitance and feedback bias for a 12.16 MHz crystal, nominally 14.31818
3
X2
OUT
XTAL output which includes XTAL load capacitance.
4, 11, 23
GND
PWR
Ground for logic, PCLK and fixed frequency output buffers.
17
GND
PWR
Ground for BCLK output buffers.
1, 8, 26
VDD
PWR
Power for logic, PCLK and fixed frequency output buffers.
14, 20
VDD
PWR
Power for BCLK output buffers.
6, 7, 9, 10
PCLK(0:3)
OUT
Processor clock outputs which are a multiple of the input reference frequency
as shown in the table above.
13, 12
FS(0:1)
IN
Frequency multiplier select pins. See table above. These inputs have internal
pull-up devices.
15, 16, 18
19, 21, 22
BCLK(0:5)
OUT
Bus clock outputs are fixed at 1/2 the PCLK frequency.
5
OEN
IN
OEN tristates all outputs when low. This input has an internal pull-up device.
24
48MHz
OUT
Fixed 48 MHz clock (with 14.318 MHz input).
28, 27, 25
REF(0:2)
OUT
REF is a buffered copy of the crystal oscillator or reference input clock,
nominally 14.31818 MHz.
PCLK(0:3)
BCLK(0:5)
48 MHz
VCO/2
PCLK/2
48 MHz
TCLK/2
TCLK/4
TCLK/2
28 Pin SOIC
28 Pin SSOP
FS1
FS0
*VCO
X1, REF
(MHz)
PCLK(0:3)
(MHz)
0
0
230/33x X1
14.31818
50 (49.7)
0
1
212/23x X1
14.31818
66 (66.5)
1
0
176/21x X1
14.31818
60 (59.9)
1
1
Test mode
TCLK
TCLK/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com