Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-98 Datasheet (PDF) - Renesas Technology Corp

ICS9248-98 Datasheet PDF - Renesas Technology Corp
Part # ICS9248-98
Download  ICS9248-98 Download
File Size   370.1 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator & Integrated Buffers for Celeron & PII/III™

ICS9248-98 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-98 Datasheet PDF - Renesas Technology Corp

Part # ICS9248-98
Download  ICS9248-98 Click to download

File Size   370.1 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator & Integrated Buffers for Celeron & PII/III™

ICS9248-98 Datasheet (HTML) - Renesas Technology Corp


ICS9248-98 Product details

Features:
• Up to 166MHz frequency support
• Support power management: PCI, CPU stop and
Mode
• Spread spectrum for EMI control (0 to -0.5%, ±
0.25%).
• Uses external 14.318MHz crystal




Similar Part No. - ICS9248-98

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
More results


Similar Description - ICS9248-98

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9248-146 RENESAS-ICS9248-146 Datasheet
347Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-99 RENESAS-ICS9248-99 Datasheet
1Mb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-18 RENESAS-ICS9250-18 Datasheet
316Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
09/08/05
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-28 RENESAS-ICS9250-28 Datasheet
513Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS951703 RENESAS-ICS951703 Datasheet
476Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com