Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951703 Datasheet (PDF) - Renesas Technology Corp

ICS951703 Datasheet PDF - Renesas Technology Corp
Part # ICS951703
Download  ICS951703 Download
File Size   476.78 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator & Integrated Buffers for Celeron & PII/III™

ICS951703 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS951703 Datasheet PDF - Renesas Technology Corp

Part # ICS951703
Download  ICS951703 Click to download

File Size   476.78 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator & Integrated Buffers for Celeron & PII/III™

ICS951703 Datasheet (HTML) - Renesas Technology Corp


ICS951703 Product details

Output Features:
• 3 CPU (2.5V) (100MHz)
• 7 SDRAM (3.3V) (1 free running SDCLK) (100MHz)
• 7 PCI (3.3 V) @ 33.3MHz, (1 free running)
• 2 IOAPIC (2.5V) @ 33.3 MHz
• 2 (3.3V) @ 48 MHz
- 1 USB clock (3.3V) (48MHz non-SSC)
- 1 DOT clock (3.3V) (48MHz non-SSC)
• 1 VCH clock (3.3V) 48 MHz non-SSC,
or 66 MHz CPU-SSC
• 3 3V66 (3.3V) (66MHz)
• 1 REF (3.3V) @ 14.318 MHz
Features:
• Supports spread spectrum modulation,
0 to -0.5% down spread.
• Support power management: PCI_STOP#,
CPU_STOP# and power down Mode
• I2C interface for clock output control




Similar Part No. - ICS951703

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
PIII??System Clock Chip for DDR SDRAM
logo
Renesas Technology Corp
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
PIII™ System Clock Chip for DDR SDRAM
2019
More results


Similar Description - ICS951703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9248-146 RENESAS-ICS9248-146 Datasheet
347Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-98 RENESAS-ICS9248-98 Datasheet
370Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-99 RENESAS-ICS9248-99 Datasheet
1Mb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-18 RENESAS-ICS9250-18 Datasheet
316Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
09/08/05
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-28 RENESAS-ICS9250-28 Datasheet
513Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com