Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93334 Datasheet (PDF) - Unisonic Technologies

93334 Datasheet PDF - Unisonic Technologies
Part # 93334
Download  93334 Download
File Size   118.73 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH ENERGY IGNITION CIRCUIT

93334 Datasheet (PDF)

Go To PDF Page Download Datasheet
93334 Datasheet PDF - Unisonic Technologies

Part # 93334
Download  93334 Click to download

File Size   118.73 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH ENERGY IGNITION CIRCUIT

93334 Datasheet (HTML) - Unisonic Technologies


93334 Product details

DESCRIPTION

This device is designed to use the signal from a reluctor type ignition pickup to produce a well controlled output from a power darlington output transistor.



FEATURES

* Very Low Peripheral Component Count

* No Critical System Resistors

* Wide Supply Voltage Operating Range (4.0V ~ 24V)

* Overvoltage Shutdown (30V)

* Dwell Automatically Adjusts to Produce Optimum Stored Energy without Waste

* Externally Adjustable Peak Current

* Transient Protected Inputs and Outputs



 




Similar Part No. - 93334

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
93334 UTC-93334 Datasheet
191Kb / 5P
HIGH ENERGY IGNITION CIRCUIT
93334 UTC-93334 Datasheet
203Kb / 4P
HIGH ENERGY IGNITION CIRCUIT
93334-S08-R UTC-93334-S08-R Datasheet
191Kb / 5P
HIGH ENERGY IGNITION CIRCUIT
93334-S08-T UTC-93334-S08-T Datasheet
191Kb / 5P
HIGH ENERGY IGNITION CIRCUIT
logo
Molex Electronics Ltd.
933340001 MOLEX-933340001 Datasheet
125Kb / 10P
Hand Tool for Appli-Mate RAST 2.5, RAST Signal, and R-Power Connectors
Jun 10, 2025
More results


Similar Description - 93334

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
ELECTRONIC IGNITION CONTROL CIRCUIT
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
IGNITION CONTROL CIRCUIT
Sep-1998
LIC01-SERIES STMICROELECTRONICS-LIC01-SERIES Datasheet
60Kb / 6P
LIGHT IGNITION CIRCUIT
Jun-2000
logo
Freescale Semiconductor...
MC79076 FREESCALE-MC79076_07 Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
logo
Motorola, Inc
MC3334P MOTOROLA-MC3334P Datasheet
13Mb / 4P
HIGH ENERGY IGNITION CIRCUIT
logo
Unisonic Technologies
93334 UTC-93334_07 Datasheet
191Kb / 5P
HIGH ENERGY IGNITION CIRCUIT
93334 UTC-93334_15 Datasheet
205Kb / 4P
HIGH ENERGY IGNITION CIRCUIT
93334 UTC-93334_16 Datasheet
203Kb / 4P
HIGH ENERGY IGNITION CIRCUIT
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
MC3334P NXP-MC3334P Datasheet
13Mb / 4P
HIGH ENERGY IGNITION CIRCUIT
REV. 0
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com