Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8677ARZ Datasheet (PDF) - Analog Devices

AD8677ARZ Datasheet PDF - Analog Devices
Part # AD8677ARZ
Download  AD8677ARZ Download
File Size   290.56 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 130 uV Maximum Offset Voltage Op Amp in TSOT

AD8677ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8677ARZ Datasheet PDF - Analog Devices

Part # AD8677ARZ
Download  AD8677ARZ Click to download

File Size   290.56 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 130 uV Maximum Offset Voltage Op Amp in TSOT

AD8677ARZ Datasheet (HTML) - Analog Devices


AD8677ARZ Product details

GENERAL DESCRIPTION
The AD8677 is the next generation of precision, ultralow offset amplifiers. It builds on the high performance of the OP07 and integrates lower power (1.1 mA typical), lower input bias current (±1 nA maximum), and higher CMRR/PSRR (130 dB) in the small TSOT package. Operation is fully specified from ±5 V to ±15 V supply.

FEATURES
   Low offset voltage: 130 μV max
   Input offset drift: 1.5 μV/°C max
   Low noise: 0.25 μV p-p
   High gain, CMRR and PSRR: 115 dB min
   Low supply current: 1.1 mA
   Wide supply voltage range: ±4 V to ±18 V operation

APPLICATIONS
   Medical and industrial instrumentation
   Sensors and controls
      Thermocouple
      RTDs
      Strain bridges
      Shunt current measurements
   Precision filters




Similar Part No. - AD8677ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677ARZ AD-AD8677ARZ Datasheet
358Kb / 17P
130 關V Maximum Offset Voltage Op Amp in TSOT
Rev. A
AD8677ARZ AD-AD8677ARZ Datasheet
328Kb / 16P
130 μV Maximum Offset Voltage Op Amp in TSOT
Rev. A
AD8677ARZ-REEL AD-AD8677ARZ-REEL Datasheet
358Kb / 17P
130 關V Maximum Offset Voltage Op Amp in TSOT
Rev. A
AD8677ARZ-REEL AD-AD8677ARZ-REEL Datasheet
328Kb / 16P
130 μV Maximum Offset Voltage Op Amp in TSOT
Rev. A
AD8677ARZ-REEL7 AD-AD8677ARZ-REEL7 Datasheet
358Kb / 17P
130 關V Maximum Offset Voltage Op Amp in TSOT
Rev. A
More results


Similar Description - AD8677ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD708 AD-AD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
OP07D AD-OP07D Datasheet
339Kb / 16P
150 關V Maximum Offset Voltage Op Amp
REV. 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
AD708 AD-AD708_15 Datasheet
352Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
150 V Maximum Offset Voltage Op Amp
REV. A
logo
Texas Instruments
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
Low Offset Voltage, Low Input Bias Current Op Amp
logo
Analog Devices
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
130 關V Maximum Offset Voltage Op Amp in TSOT
Rev. A
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
150 關V Maximum Offset Voltage Op Amp
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com