Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUTXR1000000 Datasheet (PDF) - TELTONIKA NETWORKS.

RUTXR1000000 Datasheet PDF - TELTONIKA NETWORKS.
Part # RUTXR1000000
Download  RUTXR1000000 Download
File Size   1259.07 Kbytes
Page   13 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUTXR1

RUTXR1000000 Datasheet (PDF)

Go To PDF Page Download Datasheet
RUTXR1000000 Datasheet PDF - TELTONIKA NETWORKS.

Part # RUTXR1000000
Download  RUTXR1000000 Click to download

File Size   1259.07 Kbytes
Page   13 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUTXR1

RUTXR1000000 Datasheet (HTML) - TELTONIKA NETWORKS.


RUTXR1000000 Product details

FEATURES
4G (LTE) – Cat 6 up to 300 Mbps, 3G – up to 42 Mbps
Signal strength, SINR, RSRP, RSRQ, Bytes sent/received, connected band, carrier aggregation, IMSI, ICCID
SMS status, SMS configuration, send/read SMS via HTTP POST/GET, Email to SMS, SMS to Email, SMS to HTTP, SMS to SMS, SMS
auto replay
2 SIM cards, auto switch cases: weak signal, data limit, SMS limit, roaming, no network, network denied, data connection fail
Operator black/white list
Possibility to use different PDNs for multiple network access and services
Band lock, Used band status display
Auto APN
Bridge mode Direct connection (bridge) between mobile ISP and device on LAN
Band management
APN
Black/White list
USSD Supports sending and reading Unstructured Supplementary Service Data messages
Multiple PDN
Static routing, Dynamic routing (BGP, OSPF v2, RIP v1/v2, EIGRP, NHRP)
TCP, UDP, IPv4, IPv6, ICMP, NTP, DNS, HTTP, HTTPS, FTP, SMTP, SSL v3, TLS, ARP, VRRP, PPP, UPNP, SSH, DHCP, Telnet, SNMP,
MQTT, Wake on LAN (WOL), DLNA
H.323 and SIP-alg protocol NAT helpers, allowing proper routing of VoIP packets
Connection monitoring Ping Reboot, Wget reboot, Periodic Reboot, LCP and ICMP for link inspection
Network protocols
VoIP passthrough support
Routing
Port forwards, traffic rules, custom rules
Static and dynamic IP allocation, DHCP Relay, Relayd
Traffic priority queuing by source/destination, service, protocol or port, WMM, 802.11e
Supported >25 service providers, others can be configured manually
Network backup VRRP, Mobile, Wired, Fiber and WiFi WAN options, each of which can be used as an automatic Failover
QoS / Smart Queue
Management (SQM)
DDNS
Balance Internet traffic over multiple WAN connections
Possibility to mount remote file system via SSH protocol
Load balancing
SSHFS
Firewall
DHCP
SIM switch
Status
1 x SFP port (cannot work simultaneously with Ethernet WAN port)
1 x WAN port 10/100/1000 Mbps, compliance with IEEE 802.3, IEEE 802.3u, 802.3az standards, supports auto MDI/MDIX
WAN crossover
Fiber
4 x LAN ports, 10/100/1000 Mbps, compliance with IEEE 802.3, IEEE 802.3u, 802.3az standards, supports auto MDI/MDIX
crossover
LAN
SMS
MOBILE
Mobile module
RS-232 (RJ45) console port for router configuration and debuging
CONSOLE
Console
ETHERNET
NETWORK
802.11b/g/n/ac Wave 2 (WiFi 5) with data transmission rates up to 867 Mbps (Dual Band, MU-MIMO), 802.11r fast transition,
Access Point (AP), Station (STA)
WIRELESS
Wireless mode
WPA3-EAP, WPA3-SAE, WPA2-Enterprise-PEAP, WPA2-PSK, WEP; AES-CCMP, TKIP, Auto Cipher modes, client separation
ESSID stealth mode
WiFi security
ESSID
WiFi users up to 150 simultaneous connections
Wireless Hotspot Captive portal (Hotspot), internal/external Radius server, built in customizable landing page




Similar Part No. - RUTXR1000000

ManufacturerPart #DatasheetDescription
logo
TELTONIKA NETWORKS.
RUTX08 TELTONIKA-RUTX08 Datasheet
994Kb / 13P
RUTX08
RUTX08000000 TELTONIKA-RUTX08000000 Datasheet
994Kb / 13P
RUTX08
RUTX09 TELTONIKA-RUTX09 Datasheet
1Mb / 14P
RUTX09
RUTX09000000 TELTONIKA-RUTX09000000 Datasheet
1Mb / 14P
RUTX09
RUTX10 TELTONIKA-RUTX10 Datasheet
1,018Kb / 13P
RUTX10 (ROUTER W/ BT & WIFI & US
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com