Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2M-185D Datasheet (PDF) - Recom International Power

R2M-185D Datasheet PDF - Recom International Power
Part # R2M-185D
Download  R2M-185D Download
File Size   943.75 Kbytes
Page   6 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 2 Watt DIP8 & SMD Single & Dual Output

R2M-185D Datasheet (PDF)

Go To PDF Page Download Datasheet
R2M-185D Datasheet PDF - Recom International Power

Part # R2M-185D
Download  R2M-185D Click to download

File Size   943.75 Kbytes
Page   6 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 2 Watt DIP8 & SMD Single & Dual Output

R2M-185D Datasheet (HTML) - Recom International Power


R2M-185D Product details

Features
• 2W power in SMD or DIP8 package
• 4:1 Input voltage range
• Efficiency up to 81%
• 1.6kVDC/1min isolation
• Regulated output
• -40°C to +85°C at full load
• Continuous short circuit protected

Description
The R2M is an isolated 2W DC/DC converter in a compact SMD package or DIP8 package
available with 4:1 inputs covering 5, 12, 24, and 48V rails providing single or dual regulated, short-circuit
protected outputs. There is no minimum load requirement. Isolation is 1.6kVDC/1min, and the
operating temperature is from -40°C up to +85°C without derating. Class A and Class
B EMC conformity requires only a few external components. Standard packaging is tube.




Similar Part No. - R2M-185D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
R2M SANKEN-R2M Datasheet
12Kb / 1P
Avalanche Diodes
logo
Shanghai Sunrise Electr...
R2M SSE-R2M Datasheet
13Kb / 1P
OVER VOLTAGE PROTACTION DIODE
logo
List of Unclassifed Man...
R2M ETC-R2M Datasheet
12Kb / 1P
Avalanche Diodes
logo
Shenzhen Luguang Electr...
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
More results


Similar Description - R2M-185D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RTS-123.3 RECOM-RTS-123.3 Datasheet
97Kb / 3P
2 Watt SMD Single & Dual Output
RM-1.81.8S RECOM-RM-1.81.8S_06 Datasheet
100Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RN-3.33.3S RECOM-RN-3.33.3S_06 Datasheet
89Kb / 3P
1.25 Watt DIP8 Single Output
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
2 Watt SMD Single & Dual Output
R2S RECOM-R2S Datasheet
127Kb / 4P
2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-0512 RECOM-R2S-0512 Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
R2S-R2D RECOM-R2S-R2D Datasheet
139Kb / 4P
2 Watt SMD Single & Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com