Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2M-185D Datasheet(PDF) 4 Page - Recom International Power

Part # R2M-185D
Description  2 Watt DIP8 & SMD Single & Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2M-185D Datasheet(HTML) 4 Page - Recom International Power

  R2M-185D Datasheet HTML 1Page - Recom International Power R2M-185D Datasheet HTML 2Page - Recom International Power R2M-185D Datasheet HTML 3Page - Recom International Power R2M-185D Datasheet HTML 4Page - Recom International Power R2M-185D Datasheet HTML 5Page - Recom International Power R2M-185D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.recom-power.com
REV.: 2/2023
ECO-4
DC/DC Converter
R2M
Series
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% max.
Line Regulation
low line to high line, full load
±0.2% max.
Load Regulation
0% to 100% load
single
1% max.
dual
1% max.
10% to 90% load
single
0.5% max.
dual
0.8% max.
Cross Regulation
asymmetrical 25% / 100% load
±5% max.
Transient Response Recovery Time
25% load step change
±250µs typ.
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
continuous, auto recovery
Isolation Voltage (6)
I/P to O/P
1 minute
1.6kVDC min.
Isolation Resistance
I/P to O/P, VISO= 500VDC
1G
Ω min.
Isolation Capacitance
I/P to O/P, 100kHz/0.1V
50pF typ.
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +105°C
without derating
-40°C to +85°C
Maximum Case Temperature
measured at
“tc point”
+105°C
Operating Humidity
non-condensing
5% - 95% RH max.
Thermal Shock
according to MIL-STD-810F
Vibration
according to MIL-STD-810F
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
6670 x 10³ hours
Derating Graph
(@ Chamber and natural convection 0.1m/s)
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
120
110
100
85
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
Notes:
Note6: This power module is not internally fused. An input line fuse must always be used
Recom suggests: 12Vin=T1A; 24Vin=T0.5A; 48Vin=T0.315A slow blow



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com