Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR33UBAC Datasheet (PDF) - Tripp Lite. All Rights Reserved

SR33UBAC Datasheet PDF - Tripp Lite. All Rights Reserved
Part # SR33UBAC
Download  SR33UBAC Download
File Size   41.47 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description SmartRack 33U Standard-Depth Rack Enclosure Cabinet for SRCOOL3KTP Top-of-Rack Air Conditioner

SR33UBAC Datasheet (PDF)

Go To PDF Page Download Datasheet
SR33UBAC Datasheet PDF - Tripp Lite. All Rights Reserved

Part # SR33UBAC
Download  SR33UBAC Click to download

File Size   41.47 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description SmartRack 33U Standard-Depth Rack Enclosure Cabinet for SRCOOL3KTP Top-of-Rack Air Conditioner

SR33UBAC Datasheet (HTML) - Tripp Lite. All Rights Reserved


SR33UBAC Product details

Features
Standard-Depth 33U Server Cabinet Accommodates 19 in. Rack Equipment
This SmartRack® 33U rack enclosure is designed for server rooms, IT closets, micro data centers, edge
computing applications and other environments with essential rack-mount IT equipment. Constructed from
heavy-duty steel with a durable black powder-coated finish, the SR33UBAC has a maximum stationary
load capacity of 3000 pounds (1363 kilograms) and a maximum rolling load capacity of 2250 pounds
(1022 kilograms).
Specially Designed for Use with the SRCOOL3KTP Cooling Unit
The top of the SR33UBAC is left open to accommodate the SRCOOL3KTP Top-of-Rack Precision
Cooling Air Conditioner (sold separately). The SRCOOL3KTP’s included color touchscreen LCD fits into
the front door of the SR33UBAC to allow you to monitor rack temperatures at a glance.
Keeps Important Equipment Secure
The reversible front and back doors and removable side panels lock securely with the included keys to
help prevent damage, tampering or theft. The doors and side panels are designed for quick release,
making it simple to access connected equipment and cabling with little effort. The sealed bottom panel
features cable entry ports that allow swift cable routing through the cabinet. Plexiglas panels in both doors
optimize cooling within the enclosed space.
Easy Enclosure and Equipment Installation
This 33U server rack comes fully assembled for quick and easy deployment with pre-installed (and
removable) casters that let you maneuver it over a level surface and through a standard doorway into
position, where it can be stabilized by adjusting the levelers (also removable). Front and rear mounting
rails accept standard rack equipment up to 37 inches (940 millimeters) deep. Toolless 0U mounting rails
allow quick installation of up to four compatible PDUs and vertical cable managers.
Designed for Baying Multiple Enclosures in a Row
Built-in baying brackets allow the combination of two or more rack cabinets in a row. Center-to-center
width can be set at 24 inches (600 millimeters) to match standard data center floor tiles.




Similar Part No. - SR33UBAC

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR33 MOSPEC-SR33 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
logo
Pan Jit International I...
SR33 PANJIT-SR33 Datasheet
60Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SR33 TRSYS-SR33 Datasheet
171Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SR33 WTE-SR33 Datasheet
47Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SR33 PANJIT-SR33 Datasheet
50Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR33UBAC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR45UBSP1 TRIPPLITE-SR45UBSP1 Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Rack Enclosure
SR45UBWDSP1 TRIPPLITE-SR45UBWDSP1 Datasheet
524Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW10US TRIPPLITE-SRW10US Datasheet
509Kb / 3P
SmartRack 10U Vertical Wall-Mount Standard-Depth Rack Enclosure Cabinet
SR2000 TRIPPLITE-SR2000 Datasheet
159Kb / 3P
SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
SR18UB TRIPPLITE-SR18UB Datasheet
188Kb / 3P
SmartRack 18U Mid-Depth Rack Enclosure Cabinet
SR25UBAC TRIPPLITE-SR25UBAC Datasheet
41Kb / 3P
SmartRack 25U Standard-Depth Rack Enclosure Cabinet for SRCOOL3KTP Top-of-Rack Air Conditioner
SRCOOL3KTP25U TRIPPLITE-SRCOOL3KTP25U Datasheet
41Kb / 3P
SmartRack 25U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner
SRCOOL3KTP33U TRIPPLITE-SRCOOL3KTP33U Datasheet
41Kb / 3P
SmartRack 33U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com