Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOL3KTP33U Datasheet (PDF) - Tripp Lite. All Rights Reserved

SRCOOL3KTP33U Datasheet PDF - Tripp Lite. All Rights Reserved
Part # SRCOOL3KTP33U
Download  SRCOOL3KTP33U Download
File Size   41.83 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description SmartRack 33U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner

SRCOOL3KTP33U Datasheet (PDF)

Go To PDF Page Download Datasheet
SRCOOL3KTP33U Datasheet PDF - Tripp Lite. All Rights Reserved

Part # SRCOOL3KTP33U
Download  SRCOOL3KTP33U Click to download

File Size   41.83 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description SmartRack 33U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner

SRCOOL3KTP33U Datasheet (HTML) - Tripp Lite. All Rights Reserved


SRCOOL3KTP33U Product details

Features
Rack Cabinet/Cooling Unit Combo with a Convenient Space-Saving Design
The SmartRack® SRCOOL3KTP33U combines the SR33UBAC Standard-Depth Rack Enclosure Cabinet
and the SRCOOL3KTP Top-of-Rack Precision Cooling Air Conditioner into one convenient plug-and-play
platform. It is an ideal bundle for tight-fitting edge micro data centers and other mission-critical IT
applications, including retail and commercial outlets (storefronts and branch offices), light industrial
environments (factories and warehouses) and research/development locations (laboratories and
workshops).
Standard-Depth 33U Server Cabinet Accommodates 19 in. Rack Equipment
This SR33UBAC rack enclosure is constructed from heavy-duty steel with a durable black powder-coated
finish. The EIA-compliant rack has a maximum stationary load capacity of 3000 pounds (1363 kilograms)
and a maximum rolling load capacity of 2250 pounds (1022 kilograms).
12,000 BTU Cooling Capacity Protects Your Equipment and Prevents Expensive Downtime
The top of the rack is left open to accommodate the SRCOOL3KTP air conditioner. It delivers 3.5kW
(12,000 BTU) of cooling to your equipment to help prevent sudden shutdowns, malfunctions and other
failures caused by overheating or fluctuating temperatures. The self-contained close-coupled cooling unit
mounts on top of the enclosure to save valuable rack space and floor space. Top installation allows cold
air to flow downward and heat to rise naturally. The rack is specially outfitted with sealing panels to
prevent loss of airflow.
Rack AC Unit Focuses Cold Air Where It’s Most Needed
The low-maintenance SRCOOL3KTP requires no HVAC specialist to install. It uses environmentally
friendly R410A refrigerant to focus cold air directly into the rack to efficiently cool equipment. Variable fan
speed adjusts the cooling output to the need of the IT load to prevent on/off cycling and large temperature
swings. An included color touchscreen LCD allows convenient status monitoring and diagnostics right at
your fingertips.
Built-In Evaporator Expels the Condensed Water Through the Exhaust Duct
The evaporator expels water through the exhaust duct, which means no costly plumbing connections or
water tanks to empty. No external condenser or refrigerant piping is required for operation. Internal leak




Similar Part No. - SRCOOL3KTP33U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCOOL3KTP TRIPPLITE-SRCOOL3KTP Datasheet
41Kb / 3P
Top-of-Rack Precision Cooling Air Conditioner: 3.5 kW (12 kBTU), 208/240V, 9U
SRCOOL3KTP25U TRIPPLITE-SRCOOL3KTP25U Datasheet
41Kb / 3P
SmartRack 25U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner
More results


Similar Description - SRCOOL3KTP33U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR45UBSP1 TRIPPLITE-SR45UBSP1 Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Rack Enclosure
SR45UBWDSP1 TRIPPLITE-SR45UBWDSP1 Datasheet
524Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW10US TRIPPLITE-SRW10US Datasheet
509Kb / 3P
SmartRack 10U Vertical Wall-Mount Standard-Depth Rack Enclosure Cabinet
SR2000 TRIPPLITE-SR2000 Datasheet
159Kb / 3P
SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
SR18UB TRIPPLITE-SR18UB Datasheet
188Kb / 3P
SmartRack 18U Mid-Depth Rack Enclosure Cabinet
SR25UBAC TRIPPLITE-SR25UBAC Datasheet
41Kb / 3P
SmartRack 25U Standard-Depth Rack Enclosure Cabinet for SRCOOL3KTP Top-of-Rack Air Conditioner
SR33UBAC TRIPPLITE-SR33UBAC Datasheet
41Kb / 3P
SmartRack 33U Standard-Depth Rack Enclosure Cabinet for SRCOOL3KTP Top-of-Rack Air Conditioner
SRCOOL3KTP25U TRIPPLITE-SRCOOL3KTP25U Datasheet
41Kb / 3P
SmartRack 25U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com