Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

180-044-202L021 Datasheet (PDF) - NorComp

180-044-202L021 Datasheet PDF - NorComp
Part # 180-044-202L021
Download  180-044-202L021 Download
File Size   124.41 Kbytes
Page   2 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP

180-044-202L021 Datasheet (PDF)

Go To PDF Page Download Datasheet
180-044-202L021 Datasheet PDF - NorComp

Part # 180-044-202L021
Download  180-044-202L021 Click to download

File Size   124.41 Kbytes
Page   2 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP

180-044-202L021 Datasheet (HTML) - NorComp


180-044-202L021 Product details

MATERIALS:
INSULATOR: PBT 30% GF, UL94 V-0
(PROCESS TEMP 230°C)
CONTACTS: GOLD PLATED BRASS OVER NICKEL
SHELL: NICKEL OR TIN PLATED STEEL
ELECTRICAL:
RATED CURRENT: 3A
VOLTAGE: 500VAC FOR 1 MINUTE
INSULATION RESISTANCE: 1000 MOhms MIN.
CONTACT RESISTANCE: 15 mOhms MAX.
ENVIRONMENT:
OPERATING TEMPERATURE: -50°C TO +100°C




Similar Part No. - 180-044-202L021

ManufacturerPart #DatasheetDescription
logo
NorComp
180-044-172L000 NORCOMP-180-044-172L000 Datasheet
140Kb / 1P
NTS
07/19/2005
180-044-172L010 NORCOMP-180-044-172L010 Datasheet
140Kb / 1P
NTS
07/19/2005
180-044-172L020 NORCOMP-180-044-172L020 Datasheet
140Kb / 1P
NTS
07/19/2005
180-044-172L030 NORCOMP-180-044-172L030 Datasheet
140Kb / 1P
NTS
07/19/2005
180-044-173L000 NORCOMP-180-044-173L000 Datasheet
140Kb / 1P
NTS
07/19/2005
More results


Similar Description - 180-044-202L021

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDT15SD ADAM-TECH-HDT15SD Datasheet
195Kb / 2P
HIGH DENSITY D-SUB SOLDER CUP TERMINATION
logo
Amphenol Corporation
L77HDE15S AMPHENOL-L77HDE15S Datasheet
1Mb / 4P
SOLDER-CUP TERMINATION STANDARD and HIGH DENSITY
logo
Molex Electronics Ltd.
1731130059 MOLEX-1731130059 Datasheet
44Kb / 2P
FCT High-Density D-Sub Connector, Female, Straight, Solder Cup, Gold Plating, 15 Circuits
03/22/2022
1731130061 MOLEX-1731130061 Datasheet
40Kb / 2P
FCT High-Density D-Sub Connector, Female, Straight, Solder Cup, Gold Plating, 26 Circuits
02/21/2022
1731130065 MOLEX-1731130065 Datasheet
39Kb / 2P
FCT High-Density D-Sub Connector, Female, Straight, Solder Cup, Gold Plating, 62 Circuits
03/24/2022
1731130148 MOLEX-1731130148 Datasheet
221Kb / 1P
HPD HIGH DENSITY D-SUB, SOLDER CUP, WITH MACHINED MALE CONTACTS
2017/06/07
logo
CONEC Elektronische Bau...
3005W1SAM99A10X CONEC-3005W1SAM99A10X Datasheet
138Kb / 1P
D-SUB COMBINATION FEMALE 5W1S SOLDER CUP
16.12.10
3009W4SAM99A10X CONEC-3009W4SAM99A10X Datasheet
179Kb / 1P
D-SUB COMBINATION FEMALE 9W4S SOLDER CUP
07.05.2014
3017W5SCM43A10X CONEC-3017W5SCM43A10X Datasheet
307Kb / 1P
D-SUB COMBINATION FEMALE 17W5S SOLDER CUP
07.04.11
3017W2SCM44A10X CONEC-3017W2SCM44A10X Datasheet
638Kb / 1P
D-SUB COMBINATION FEMALE 17W2S SOLDER CUP
12.03.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com