Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

180-044-172L010 Datasheet (PDF) - NorComp

180-044-172L010 Datasheet PDF - NorComp
Part # 180-044-172L010
Download  180-044-172L010 Download
File Size   140.88 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description NTS

180-044-172L010 Datasheet (PDF)

Go To PDF Page Download Datasheet
180-044-172L010 Datasheet PDF - NorComp

Part # 180-044-172L010
Download  180-044-172L010 Click to download

File Size   140.88 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description NTS

180-044-172L010 Datasheet (HTML) - NorComp


180-044-172L010 Product details

ELECTRICAL:
INSULATION RESISTANCE: 1,000 MOhms MIN.
OPERATING TEMPERATURE: -50°C TO +100°C
VOLTAGE: 500 VAC FOR 1 MINUTE
MATERIALS:
INSULATOR: PBT +30% GF, UL94 V-0
PROCESS TEMP: 230°C
SHELL: NICKEL PLATED STEEL




Similar Part No. - 180-044-172L010

ManufacturerPart #DatasheetDescription
logo
NorComp
180-044-202L001 NORCOMP-180-044-202L001 Datasheet
124Kb / 2P
DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
180-044-202L002 NORCOMP-180-044-202L002 Datasheet
124Kb / 2P
DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
180-044-202L011 NORCOMP-180-044-202L011 Datasheet
124Kb / 2P
DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
180-044-202L012 NORCOMP-180-044-202L012 Datasheet
124Kb / 2P
DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
180-044-202L021 NORCOMP-180-044-202L021 Datasheet
124Kb / 2P
DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com