Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD05C Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SD05C Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SD05C
Download  SD05C Download
File Size   2618.76 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bl-directional TVS Diode

SD05C Datasheet (PDF)

Go To PDF Page Download Datasheet
SD05C Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SD05C
Download  SD05C Click to download

File Size   2618.76 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bl-directional TVS Diode

SD05C Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SD05C Product details

Features
*300W peak pulse power (8/20ps)
* Protects one data or power line
* Ultra low leakage: nA level
* Operating voltage: SV
* Ultra low clamping voltage
* Complies with following standards:
—IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
— IEC61000-4-4 (Lightning) 20A (8/20ns)




Similar Part No. - SD05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
SD05C SEMTECH-SD05C Datasheet
152Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
SeCoS Halbleitertechnol...
SD05C SECOS-SD05C Datasheet
252Kb / 2P
130W Bi-Direction Transient Voltage Suppressors Diode
logo
Littelfuse
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
450W Discrete Bidirectional TVS Diode
logo
Shanghai Semitech Semic...
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
Unidirectional Configurations
More results


Similar Description - SD05C

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD5V0S1BA TECHPUBLIC-PESD5V0S1BA Datasheet
2Mb / 4P
1-Line Bl-directional TVS Diode
ESD5V0D3B TECHPUBLIC-ESD5V0D3B Datasheet
1,014Kb / 4P
1-Line Bl-directional TVS Diode
PSD05C-LF-T7 TECHPUBLIC-PSD05C-LF-T7 Datasheet
3Mb / 4P
1-Line Bl-directional TVS Diode
PSD05C TECHPUBLIC-PSD05C Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
SD05C-01FTG TECHPUBLIC-SD05C-01FTG Datasheet
791Kb / 4P
1-Line Bl-directional TVS Diode
SM12C TECHPUBLIC-SM12C Datasheet
2Mb / 4P
2-Line Bl-directional TVS Diode
TPPEC2605C2C TECHPUBLIC-TPPEC2605C2C Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
TPPESD12VL1BA TECHPUBLIC-TPPESD12VL1BA Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
TPE05KHC TECHPUBLIC-TPE05KHC Datasheet
1,009Kb / 4P
1-Line Bl-directional TVS Diode
TPPESD24VL1BA TECHPUBLIC-TPPESD24VL1BA Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com