Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPPESD24VL1BA Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPPESD24VL1BA Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPPESD24VL1BA
Download  TPPESD24VL1BA Download
File Size   1075.7 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bl-directional TVS Diode

TPPESD24VL1BA Datasheet (PDF)

Go To PDF Page Download Datasheet
TPPESD24VL1BA Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPPESD24VL1BA
Download  TPPESD24VL1BA Click to download

File Size   1075.7 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bl-directional TVS Diode

TPPESD24VL1BA Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPPESD24VL1BA Product details

Features
180W peak pulse power (8/20ps)
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 24V
Ultra low clamping voltage
Complies with following standards:
— |IEC 61000-4-2 (ESD) immunity test
Air discharge: +20kV
Contact discharge: +15kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
RoHS Compliant




Similar Part No. - TPPESD24VL1BA

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPPESD12VL1BA TECHPUBLIC-TPPESD12VL1BA Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
TPPESD12VL2BT TECHPUBLIC-TPPESD12VL2BT Datasheet
1Mb / 4P
2-Line Bi -directional TVS Diode
TPPESD15VL2BT TECHPUBLIC-TPPESD15VL2BT Datasheet
1Mb / 4P
2-Line Bi -directional TVS Diode
TPPESD3V3L1BA TECHPUBLIC-TPPESD3V3L1BA Datasheet
1Mb / 4P
1-Line Bi-directional Diode
TPPESD5V0X1BL TECHPUBLIC-TPPESD5V0X1BL Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
More results


Similar Description - TPPESD24VL1BA

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD5V0S1BA TECHPUBLIC-PESD5V0S1BA Datasheet
2Mb / 4P
1-Line Bl-directional TVS Diode
ESD5V0D3B TECHPUBLIC-ESD5V0D3B Datasheet
1,014Kb / 4P
1-Line Bl-directional TVS Diode
PSD05C-LF-T7 TECHPUBLIC-PSD05C-LF-T7 Datasheet
3Mb / 4P
1-Line Bl-directional TVS Diode
PSD05C TECHPUBLIC-PSD05C Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
SD05C TECHPUBLIC-SD05C Datasheet
2Mb / 4P
1-Line Bl-directional TVS Diode
SD05C-01FTG TECHPUBLIC-SD05C-01FTG Datasheet
791Kb / 4P
1-Line Bl-directional TVS Diode
SM12C TECHPUBLIC-SM12C Datasheet
2Mb / 4P
2-Line Bl-directional TVS Diode
TPPEC2605C2C TECHPUBLIC-TPPEC2605C2C Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
TPPESD12VL1BA TECHPUBLIC-TPPESD12VL1BA Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
TPE05KHC TECHPUBLIC-TPE05KHC Datasheet
1,009Kb / 4P
1-Line Bl-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com