Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGD802 Datasheet (PDF) - NXP Semiconductors

BGD802 Datasheet PDF - NXP Semiconductors
Part # BGD802
Download  BGD802 Download
File Size   55.34 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CATV amplifier modules

BGD802 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGD802 Datasheet PDF - NXP Semiconductors

Part # BGD802
Download  BGD802 Click to download

File Size   55.34 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CATV amplifier modules

BGD802 Datasheet (HTML) - NXP Semiconductors


BGD802 Product details

DESCRIPTION
Hybrid amplifier modules in a SOT115J package operating with a voltage supply of 24 V (DC).
Both modules are electrically identical, only the pinning is different.
   
FEATURES
• Excellent linearity
• Extremely low noise
• Excellent return loss properties
• Silicon nitride passivation
• Rugged construction
• Gold metallization ensures excellent reliability.
   
APPLICATIONS
• CATV systems operating in the 40 to 860 MHz
    frequency range.
   




Similar Part No. - BGD802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD802N PHILIPS-BGD802N Datasheet
57Kb / 12P
CATV amplifier module
1999 Mar 22
logo
Quanzhou Jinmei Electro...
BGD802 JMNIC-BGD802_15 Datasheet
65Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
More results


Similar Description - BGD802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
CATV power doubler amplifier modules
1995 Oct 25
BGD702 PHILIPS-BGD702 Datasheet
64Kb / 12P
CATV amplifier modules
2001 Nov 27
BGD902 PHILIPS-BGD902 Datasheet
73Kb / 10P
CATV amplifier modules
Rev. 07-8 March 2005
BGD904 PHILIPS-BGD904 Datasheet
74Kb / 12P
CATV amplifier modules
2000 Jan 10
BGD906 PHILIPS-BGD906 Datasheet
73Kb / 12P
CATV amplifier modules
2000 Mar 28
BGY586 PHILIPS-BGY586 Datasheet
15Kb / 3P
CATV amplifier modules
February 1995
BGY80 PHILIPS-BGY80 Datasheet
14Kb / 3P
CATV amplifier modules
February 1995
BGY84 PHILIPS-BGY84 Datasheet
51Kb / 8P
CATV amplifier modules
1999 Mar 26
BGY84A PHILIPS-BGY84A Datasheet
62Kb / 8P
CATV amplifier modules
1997 Apr 10
BGY86 PHILIPS-BGY86 Datasheet
45Kb / 8P
CATV amplifier modules
1999 Mar 25
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com