Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGD802 Datasheet (PDF) - NXP Semiconductors

BGD802 Datasheet PDF - NXP Semiconductors
Part # BGD802
Download  BGD802 Download
File Size   408.36 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 860 MHz, 18.5 dB gain power doubler amplifier

BGD802 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGD802 Datasheet PDF - NXP Semiconductors

Part # BGD802
Download  BGD802 Click to download

File Size   408.36 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 860 MHz, 18.5 dB gain power doubler amplifier

BGD802 Datasheet (HTML) - NXP Semiconductors


BGD802 Product details

DESCRIPTION
Hybrid amplifier module in a SOT115J package operating at a supply voltage of 24 V (DC).
   
FEATURES
• Excellent linearity
• Extremely low noise
• Excellent return loss properties
• Silicon nitride passivation
• Rugged construction
• Gold metallization ensures excellent reliability.
   
APPLICATIONS
• CATV systems operating in the 40 to 860 MHz
    frequency range.
   




Similar Part No. - BGD802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD802 PHILIPS-BGD802 Datasheet
55Kb / 12P
CATV amplifier modules
1999 Mar 26
BGD802MI PHILIPS-BGD802MI Datasheet
55Kb / 12P
CATV amplifier modules
1999 Mar 26
BGD802N PHILIPS-BGD802N Datasheet
57Kb / 12P
CATV amplifier module
1999 Mar 22
logo
Quanzhou Jinmei Electro...
BGD802 JMNIC-BGD802_15 Datasheet
65Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
More results


Similar Description - BGD802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
BGD902 PHILIPS-BGD902 Datasheet
69Kb / 10P
860 MHz, 18.5 dB gain power doubler amplifier
Rev. 07-8 March 2005
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
BGD812 NXP-BGD812_01 Datasheet
77Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
2001 Oct 30
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
BGD802 JMNIC-BGD802_15 Datasheet
65Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
BGD812 JMNIC-BGD812_15 Datasheet
77Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com