Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGD812 Datasheet (PDF) - NXP Semiconductors

BGD812 Datasheet PDF - NXP Semiconductors
Part # BGD812
Download  BGD812 Download
File Size   67.55 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CATV amplifier module

BGD812 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGD812 Datasheet PDF - NXP Semiconductors

Part # BGD812
Download  BGD812 Click to download

File Size   67.55 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CATV amplifier module

BGD812 Datasheet (HTML) - NXP Semiconductors


BGD812 Product details

DESCRIPTION
Hybrid amplifier module in a SOT115J package operating with a voltage supply of 24 V (DC).
   
FEATURES
• Excellent linearity
• Extremely low noise
• Excellent return loss properties
• Silicon nitride passivation
• Rugged construction
• Gold metallization ensures excellent reliability.
   
APPLICATIONS
• CATV systems operating in the 40 to 870 MHz
    frequency range.
   




Similar Part No. - BGD812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD812 NXP-BGD812 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BGD812 NXP-BGD812_01 Datasheet
77Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
2001 Oct 30
logo
Quanzhou Jinmei Electro...
BGD812 JMNIC-BGD812_15 Datasheet
77Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
More results


Similar Description - BGD812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
CATV amplifier module
1997 Apr 10
BGY66B PHILIPS-BGY66B Datasheet
52Kb / 8P
CATV amplifier module
1997 Apr 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com