Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSV1T34DFT2G Datasheet (PDF) - ON Semiconductor

NLSV1T34DFT2G Datasheet PDF - ON Semiconductor
Part # NLSV1T34DFT2G
Download  NLSV1T34DFT2G Download
File Size   203.47 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-Bit Dual-Supply Non-Inverting Level Translator

NLSV1T34DFT2G Datasheet (PDF)

Go To PDF Page Download Datasheet
NLSV1T34DFT2G Datasheet PDF - ON Semiconductor

Part # NLSV1T34DFT2G
Download  NLSV1T34DFT2G Click to download

File Size   203.47 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-Bit Dual-Supply Non-Inverting Level Translator

NLSV1T34DFT2G Datasheet (HTML) - ON Semiconductor


NLSV1T34DFT2G Product details

The NLSV1T34 is a 1−bit configurable dual−supply voltage level
translator. The input An and output Bn ports are designed to track two
different power supply rails, VCCA and VCCB respectively. Both
supply rails are configurable from 0.9 V to 4.5 V allowing universal
low−voltage translation from the input An to the output Bn port.

Features
• Wide VCCA and VCCB Operating Range: 0.9 V to 4.5 V
• High−Speed w/ Balanced Propagation Delay
• Inputs and Outputs have OVT Protection to 4.5 V
• Non−preferential VCCA and VCCB Sequencing
• Power−Off Protection
• Power−Off High Impedance Inputs and Outputs
• Ultra−Small Packaging: 1.45 mm x 1.0 mm ULLGA6
2.0 mm x 2.1 mm SC−88A
1.2 mm x 1.0 mm UDFN6
1.45 mm x 1.0 mm UDFN6
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These are Pb−Free Devices

Typical Applications
• Mobile Phones, PDAs, Other Portable Devices




Similar Part No. - NLSV1T34DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV1T34DFT2G ONSEMI-NLSV1T34DFT2G Datasheet
158Kb / 9P
1-Bit Dual-Supply Non-Inverting Level Translator
April, 2010 ??Rev. 5
NLSV1T34DFT2G ONSEMI-NLSV1T34DFT2G Datasheet
133Kb / 9P
1-Bit Dual-Supply Non-Inverting Level Translator
January, 2012 ??Rev. 8
More results


Similar Description - NLSV1T34DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV1T34 ONSEMI-NLSV1T34 Datasheet
158Kb / 9P
1-Bit Dual-Supply Non-Inverting Level Translator
April, 2010 ??Rev. 5
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T34 ONSEMI-NLSV1T34_12 Datasheet
133Kb / 9P
1-Bit Dual-Supply Non-Inverting Level Translator
January, 2012 ??Rev. 8
NLSV1T240 ONSEMI-NLSV1T240_12 Datasheet
119Kb / 6P
1-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 4
NLSV1T244 ONSEMI-NLSV1T244_12 Datasheet
119Kb / 6P
1-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV4T244 ONSEMI-NLSV4T244_15 Datasheet
107Kb / 9P
4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com