Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSV1T34DFT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLSV1T34DFT2G
Description  1-Bit Dual-Supply Non-Inverting Level Translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV1T34DFT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NLSV1T34DFT2G Datasheet HTML 1Page - ON Semiconductor NLSV1T34DFT2G Datasheet HTML 2Page - ON Semiconductor NLSV1T34DFT2G Datasheet HTML 3Page - ON Semiconductor NLSV1T34DFT2G Datasheet HTML 4Page - ON Semiconductor NLSV1T34DFT2G Datasheet HTML 5Page - ON Semiconductor NLSV1T34DFT2G Datasheet HTML 6Page - ON Semiconductor NLSV1T34DFT2G Datasheet HTML 7Page - ON Semiconductor NLSV1T34DFT2G Datasheet HTML 8Page - ON Semiconductor NLSV1T34DFT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2019 − Rev. 10
1
Publication Order Number:
NLSV1T34/D
1-Bit Dual-Supply
Non-Inverting Level
Translator
NLSV1T34
The NLSV1T34 is a 1−bit configurable dual−supply voltage level
translator. The input An and output Bn ports are designed to track two
different power supply rails, VCCA and VCCB respectively. Both
supply rails are configurable from 0.9 V to 4.5 V allowing universal
low−voltage translation from the input An to the output Bn port.
Features
• Wide VCCA and VCCB Operating Range: 0.9 V to 4.5 V
• High−Speed w/ Balanced Propagation Delay
• Inputs and Outputs have OVT Protection to 4.5 V
• Non−preferential VCCA and VCCB Sequencing
• Power−Off Protection
• Power−Off High Impedance Inputs and Outputs
• Ultra−Small Packaging: 1.45 mm x 1.0 mm ULLGA6
2.0 mm x 2.1 mm SC−88A
1.2 mm x 1.0 mm UDFN6
1.45 mm x 1.0 mm UDFN6
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These are Pb−Free Devices
Typical Applications
• Mobile Phones, PDAs, Other Portable Devices
Important Information
• ESD Protection for All Pins:
HBM (Human Body Model) > 3000 V
Figure 1. Logic Diagram
VCCA
VCCB
B
A
ULLGA6
MX1 SUFFIX
CASE 613AF
MARKING
DIAGRAMS
www.onsemi.com
PIN ASSIGNMENT
QM
ULLGA6/UDFN6
(Top View)
VCCB
NC
B
VCCA
A
GND
6
5
4
1
2
3
1
SC−88A
(SOT−353/SC−70)
DF SUFFIX
CASE 419A
1
1
5
Q M G
G
Q, A = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
SC−88A
(Top View)
VCCB
B
VCCA
A
GND
5
4
1
2
3
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
UDFN6
MU SUFFIX
CASE 517AA
M
G
1
UDFN6
MU SUFFIX
CASE 517AQ
A M
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com