Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9540 Datasheet (PDF) - Nanjing International Group Co

IRF9540 Datasheet PDF - Nanjing International Group Co
Part # IRF9540
Download  IRF9540 Download
File Size   685.64 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-220-3L Plas ti c-E n c a p s u late MOSFETS

IRF9540 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9540 Datasheet PDF - Nanjing International Group Co

Part # IRF9540
Download  IRF9540 Click to download

File Size   685.64 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-220-3L Plas ti c-E n c a p s u late MOSFETS

IRF9540 Datasheet (HTML) - Nanjing International Group Co


IRF9540 Product details

FEATURES
·Drain Current –ID=-19A@ TC=25℃
·Drain Source Voltage-
: VDSS= -100V(Min)
·Static Drain-Source On-Resistance
: RDS(on) =0.2Ω(Max)
·100% avalanche tested
·Minimum Lot-to-Lot variations for robust device
performance and reliable operation
DESCRIPTION
·motor drive, DC-DC converter, power switch
and solenoid drive.




Similar Part No. - IRF9540

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9540 SAMSUNG-IRF9540 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
July 1999
logo
International Rectifier
IRF9540 IRF-IRF9540 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
logo
Harris Corporation
IRF9540 HARRIS-IRF9540 Datasheet
424Kb / 7P
P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
P-CHANNEL POWER MOSFETS
More results


Similar Description - IRF9540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YTV-F1 ETC1-YTV-F1 Datasheet
158Kb / 2P
A u t o m a t e d P C B I n s p e c t i o n
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
Powerbox
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
A C / D C H I G H S U R G E S U P P LY
PBB20C POWERBOX-PBB20C Datasheet
1Mb / 9P
A C / D C S I N G L E O U T P U T S U P P LY
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
A C / D C H I G H S U R G E S U P P LY
TRG36A POWERBOX-TRG36A Datasheet
562Kb / 1P
3 6 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG45A POWERBOX-TRG45A Datasheet
503Kb / 1P
4 5 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG70A POWERBOX-TRG70A Datasheet
536Kb / 1P
7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com