Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9540 Datasheet (PDF) - International Rectifier

IRF9540 Datasheet PDF - International Rectifier
Part # IRF9540
Download  IRF9540 Download
File Size   125.1 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)

IRF9540 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9540 Datasheet PDF - International Rectifier

Part # IRF9540
Download  IRF9540 Click to download

File Size   125.1 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)

IRF9540 Datasheet (HTML) - International Rectifier


IRF9540 Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● P-Channel
● Fully Avalanche Rated




Similar Part No. - IRF9540

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9540 SAMSUNG-IRF9540 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
July 1999
logo
Harris Corporation
IRF9540 HARRIS-IRF9540 Datasheet
424Kb / 7P
P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
P-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRF9540 VISHAY-IRF9540 Datasheet
1Mb / 8P
Power MOSFET
20-Jun-08
More results


Similar Description - IRF9540

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRF5NJ9540 IRF-IRF5NJ9540 Datasheet
117Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
IRF5Y9540CM IRF-IRF5Y9540CM Datasheet
105Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
IRF9540NS IRF-IRF9540NS Datasheet
187Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRFP23N50L IRF-IRFP23N50L Datasheet
104Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.190ohm, Id=23A)
IRFP254N IRF-IRFP254N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=125mohm, Id=23A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP9140N IRF-IRFP9140N Datasheet
142Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
331Kb / 11P
HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com