Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP360 Datasheet (PDF) - International Rectifier

IRFP360 Datasheet PDF - International Rectifier
Part # IRFP360
Download  IRFP360 Download
File Size   164.15 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)

IRFP360 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP360 Datasheet PDF - International Rectifier

Part # IRFP360
Download  IRFP360 Click to download

File Size   164.15 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)

IRFP360 Datasheet (HTML) - International Rectifier


IRFP360 Product details





Similar Part No. - IRFP360

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP360 INTERSIL-IRFP360 Datasheet
55Kb / 7P
23A, 400V, 0.200 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFP360 VISHAY-IRFP360 Datasheet
962Kb / 8P
Power MOSFET
30-Jun-08
logo
IXYS Corporation
IRFP360 IXYS-IRFP360 Datasheet
50Kb / 2P
MegaMOS FET
logo
New Jersey Semi-Conduct...
IRFP360 NJSEMI-IRFP360 Datasheet
640Kb / 2P
Avalanche-Energy-Rated N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRFP360 ISC-IRFP360 Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRFP360

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF360 IRF-IRF360 Datasheet
139Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFI360 IRF-IRFI360 Datasheet
210Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRFL014 IRF-IRFL014 Datasheet
176Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com