Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP360LC Datasheet (PDF) - International Rectifier

IRFP360LC Datasheet PDF - International Rectifier
Part # IRFP360LC
Download  IRFP360LC Download
File Size   343.84 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)

IRFP360LC Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP360LC Datasheet PDF - International Rectifier

Part # IRFP360LC
Download  IRFP360LC Click to download

File Size   343.84 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)

IRFP360LC Datasheet (HTML) - International Rectifier


IRFP360LC Product details

Description
This new series of Low Charge HEXFET Power MOSFETs achieve significantly lower gate charge over conventional MOSFETs. Utilizing advanced Hexfet technology the device improvements allow for reduced gate drive requirements, faster switching speeds and increased total system savings. These device improvements combined with the proven ruggedness and reliability of HEXFETs offer the designer a new standard in power transistors for switching applications.
The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.

● Ultra Low Gate Charge
● Reduced Gate Drive Requirement
● Enhanced 30V Vgs Rating
● Reduced Ciss, Coss, Crss
● Isolated Central Mounting Hole
● Dynamic dv/dt Rated
● Repetitive Avalanche Rated




Similar Part No. - IRFP360LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP360LC VISHAY-IRFP360LC Datasheet
260Kb / 8P
Power MOSFET
24-Jun-08
IRFP360LC VISHAY-IRFP360LC Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
logo
Inchange Semiconductor ...
IRFP360LC ISC-IRFP360LC Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP360LC VISHAY-IRFP360LC Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFP360LC VISHAY-IRFP360LC Datasheet
311Kb / 10P
Power MOSFET
24-Jan-2022
More results


Similar Description - IRFP360LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF360 IRF-IRF360 Datasheet
139Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFI360 IRF-IRFI360 Datasheet
210Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRFL014 IRF-IRFL014 Datasheet
176Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com