Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFL014 Datasheet (PDF) - International Rectifier

IRFL014 Datasheet PDF - International Rectifier
Part # IRFL014
Download  IRFL014 Download
File Size   176.76 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)

IRFL014 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFL014 Datasheet PDF - International Rectifier

Part # IRFL014
Download  IRFL014 Click to download

File Size   176.76 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)

IRFL014 Datasheet (HTML) - International Rectifier


IRFL014 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Surface Mount
• Available in Tape & Reel
• Dynamic dV/dt Rating
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFL014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFL014 VISHAY-IRFL014 Datasheet
949Kb / 8P
Power MOSFET
07-Jul-08
IRFL014 VISHAY-IRFL014 Datasheet
1,003Kb / 9P
Power MOSFET
31-May-10
IRFL014 VISHAY-IRFL014 Datasheet
1,003Kb / 9P
Power MOSFET
31-May-10
logo
International Rectifier
IRFL014N IRF-IRFL014N Datasheet
144Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A)
IRFL014NPBF IRF-IRFL014NPBF Datasheet
158Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRFL014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFRU9214 IRF-IRFRU9214 Datasheet
107Kb / 10P
Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com