Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLZ14SL Datasheet (PDF) - International Rectifier

IRLZ14SL Datasheet PDF - International Rectifier
Part # IRLZ14SL
Download  IRLZ14SL Download
File Size   291.75 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)

IRLZ14SL Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLZ14SL Datasheet PDF - International Rectifier

Part # IRLZ14SL
Download  IRLZ14SL Click to download

File Size   291.75 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)

IRLZ14SL Datasheet (HTML) - International Rectifier


IRLZ14SL Product details

Description
Third Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible onresistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRLZ14L) is available for lowprofile applications.

● Advanced Process Technology
● Surface Mount (IRLZ14S)
● Low-profile through-hole (IRLZ14L)
● 175°C Operating Temperature
● Fast Switching




Similar Part No. - IRLZ14SL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLZ14S VISHAY-IRLZ14S Datasheet
294Kb / 8P
Power MOSFET
21-Jul-08
IRLZ14S VISHAY-IRLZ14S Datasheet
317Kb / 9P
Power MOSFET
30-May-11
IRLZ14S VISHAY-IRLZ14S Datasheet
396Kb / 11P
Power MOSFET
07-Sep-2020
IRLZ14SPBF VISHAY-IRLZ14SPBF Datasheet
294Kb / 8P
Power MOSFET
21-Jul-08
IRLZ14SPBF VISHAY-IRLZ14SPBF Datasheet
317Kb / 9P
Power MOSFET
30-May-11
More results


Similar Description - IRLZ14SL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRFL014 IRF-IRFL014 Datasheet
176Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com